Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R200 Datasheet(PDF) 21 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 21 Page - Intel Corporation

Back Button R200 Datasheet HTML 17Page - Intel Corporation R200 Datasheet HTML 18Page - Intel Corporation R200 Datasheet HTML 19Page - Intel Corporation R200 Datasheet HTML 20Page - Intel Corporation R200 Datasheet HTML 21Page - Intel Corporation R200 Datasheet HTML 22Page - Intel Corporation R200 Datasheet HTML 23Page - Intel Corporation R200 Datasheet HTML 24Page - Intel Corporation R200 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Firmware
334616-001
21
5
Firmware
5.1
Firmware Update (Windows* Only)
During a firmware update, a firmware update application is used to load new firmware
into the R200 memory. The R200 firmware will check the firmware manifest and
digitally sign the updated firmware. If the firmware update is interrupted or becomes
corrupted the new code will not be signed and the device will revert to recovery
firmware after restart. Recovery firmware is intended for the device to accept a new
firmware update and should not be used for normal operation.
The firmware version programmed by the firmware utility is tightly
coupled with the DCM runtime version. This is why the firmware utility is
bundled with the DCM system software installer and should not be
decoupled. If there is a mismatch between firmware and DCM versions,
features can cease to function or unknown behaviors can occur.
5.2
Infrared Camera Functions
Table 5-1. Left and Right IR Sensor Configuration
Property
Min
Max
Default
Auto
Image Gain
1
63.9
-
Yes
Image Exposure
0.1
33.3
-
Yes
The left and right IR sensors must share settings, it is not possible to
configure each IR sensor individually
5.3
Color Camera Functions R200
Table 5-2. RGB Sensor Configuration
Property
Min
Max
Default
Auto
Image Gain
1
63.9
-
Yes
Image Exposure
0.1
33.3
-
Yes
Brightness
0
255
55
No
Contrast
16
64
32
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com