Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R200 Datasheet(PDF) 40 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 40 Page - Intel Corporation

Back Button R200 Datasheet HTML 36Page - Intel Corporation R200 Datasheet HTML 37Page - Intel Corporation R200 Datasheet HTML 38Page - Intel Corporation R200 Datasheet HTML 39Page - Intel Corporation R200 Datasheet HTML 40Page - Intel Corporation R200 Datasheet HTML 41Page - Intel Corporation R200 Datasheet HTML 42Page - Intel Corporation R200 Datasheet HTML 43Page - Intel Corporation R200 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
System Integration
40
334616-001
Deviation from these properties is allowed, but the compatibility with the
R200 receptacle must be maintained. Longer cable lengths is allowed, but
signal integrity should be evaluated by the system integrator.
Table 7-11. Cable Assembly Interconnect Properties
Pos
R200
System
Gauge
Interconnect Description
1
GND
GND
40
50Ω micro-coax, shield soldered to GND
bar.
2
USB3_SSTX-
USB3_SSTX-
40
50Ω micro-coax, shield soldered to GND
bar.
3
USB3_SSTX+
USB3_SSTX+
40
50Ω micro-coax, shield soldered to GND
bar.
4
GND
GND
40
50Ω micro-coax, shield soldered to GND
bar.
5
USB3_SSRX-
USB3_SSRX-
40
50Ω micro-coax, shield soldered to GND
bar.
6
USB3_SSRX+
USB3_SSRX+
40
50Ω micro-coax, shield soldered to GND
bar.
7
GND
GND
36
UL 10064 Wire (Rated at least 0.3A.)
8
No Connect
No Connect
-
No Connect
9
VCC
5V
36
UL 10064 Wire (Rated at least 0.3A.)
10
VCC
5V
36
UL 10064 Wire (Rated at least 0.3A.)
The TX to RX pair crossover is expected on the system board and not the
cable assembly. This is done to allow for flat cable assemblies.
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com