Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R200 Datasheet(PDF) 32 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 32 Page - Intel Corporation

Back Button R200 Datasheet HTML 28Page - Intel Corporation R200 Datasheet HTML 29Page - Intel Corporation R200 Datasheet HTML 30Page - Intel Corporation R200 Datasheet HTML 31Page - Intel Corporation R200 Datasheet HTML 32Page - Intel Corporation R200 Datasheet HTML 33Page - Intel Corporation R200 Datasheet HTML 34Page - Intel Corporation R200 Datasheet HTML 35Page - Intel Corporation R200 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
System Integration
32
334616-001
Figure 7-7. Example of Gasket Material Placement
Figure 7-8. Example of Separated Windows for Cover Material
7.8.4
Dust Protection
Dust particles can accumulate over the camera lenses which can be visually
unappealing and degrade image quality.
7.9
Thermal Design Guidance
While necessary to avoid module flex, the air gap around the module creates thermal
challenges. Without thermal management, cameras on the module can be
permanently damaged. Most system designs do not have sufficient free space to allow
for air convection based cooling methods. This section lists a number of strategies that
can be used to successfully meet module and system thermal requirements.
It is strongly recommended to use thermal modeling to simulate a chassis design
before implementation. Any simulations should be correlated with empirical
measurements to verify the simulated behavior is accurate.
In general it is recommended to place the camera module, SoC, and display driver as
far apart as possible to minimize the thermal dissipation solution as shown in Figure
7-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com