Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R200 Datasheet(PDF) 39 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 39 Page - Intel Corporation

Back Button R200 Datasheet HTML 35Page - Intel Corporation R200 Datasheet HTML 36Page - Intel Corporation R200 Datasheet HTML 37Page - Intel Corporation R200 Datasheet HTML 38Page - Intel Corporation R200 Datasheet HTML 39Page - Intel Corporation R200 Datasheet HTML 40Page - Intel Corporation R200 Datasheet HTML 41Page - Intel Corporation R200 Datasheet HTML 42Page - Intel Corporation R200 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
System Integration
334616-001
39
Position
Name
Type
Description
8
RSVD
-
RSVD (No Connect)
9
VCC
-
Supply Voltage, Connect to
3.3V
10
VCC
-
Supply Voltage, Connect to
3.3V
Table 7-8. Receptacle Characteristics
Property
Description
Diagram
Shell Finish
Tin (Sn)
Lock
Yes
Ground Bar
Yes
Alignment Boss
No
Part Number
IPEX 20347-310E-12R
7.10.5
High Speed Cable Assembly
The high speed cable assembly is developed and procured by the system integrator.
The cable assembly design is specific to the system definition and must meet R200
cable assembly design specification.
Table 7-9. Plug Characteristics
Property
Description
Diagram
Shell Finish
Tin (Sn)
Friction Lock
Yes
Ground Bar
Yes
Plug Part Number
IPEX 2047-0103R
Housing Part
Number
IPEX 20346-010T-
31R
Table 7-10. Cable Assembly Specification
Property
Description
Cable Length
508mm ± 10mm (~20 inches)
Controlled Impedance
50Ω ± 10%
Max Insertion Loss
7.0 dB at 2.5 GHz
Cable Shielding
Each plug should be connected to the receptacle shield and GND bar.
Minimum Gauge
40 AWG for micro-coax, 36 AWG for wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com