Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002 Datasheet(PDF) 28 Page - Microchip Technology

Part # 5002
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5002 Datasheet(HTML) 28 Page - Microchip Technology

Back Button 5002 Datasheet HTML 24Page - Microchip Technology 5002 Datasheet HTML 25Page - Microchip Technology 5002 Datasheet HTML 26Page - Microchip Technology 5002 Datasheet HTML 27Page - Microchip Technology 5002 Datasheet HTML 28Page - Microchip Technology 5002 Datasheet HTML 29Page - Microchip Technology 5002 Datasheet HTML 30Page - Microchip Technology 5002 Datasheet HTML 31Page - Microchip Technology 5002 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 28
 2017 Microchip Technology Inc.
nels are connected across 1Ω sense resistors R5-R8. This is called the DEMO mode
configuration. These connections are made by the first column of jumpers on the left
side of the board, J6-J13. Each jumper has a shorting shunt connected to the DEMO
side of the jumper, near the resistor string R5-R8. These resistors are all in series and
connected to the on-board current source that flows through the resistors and then
through the shunt on J5 (near the top of the board) to VDD. The shunt on J5 may be
removed to disable the on-board current source and see the noise performance of the
device with zero input. This current source generates a 0.5 Hz current square wave.
The amplitude is approximately 12.5 mA (J28 open) or 25 mA (J28 shorted, default
position). J28 is near the bottom of the board.
All of the plots in Chapter 3. “Software GUI Description” are made in DEMO mode
with the default connections.
4.3
VBUS AND VSENSE CONNECTIONS - USING EXTERNAL SOURCES FOR
SYTSTEM MODE
To use external sources for VBUS with an external load, the shunts J6 - J13 are moved
to the left (shunt position). In this configuration, connect VBUS sources to terminal 1
(top) of the screw terminal connectors J1-J4 and connect the loads to terminal 3 (bot-
tom) of these connectors. The center terminal of each connector is connected to
ground for a convenient return connection for the load. Each PAC1934 channel now
has an on-board current sense resistor of 4 mΩ connected between the positive (+)
input and negative (-) input pins, which gives 25A for the full scale current (VSENSE FSR
is fixed at 100 mV).
For options that use a different value for RSENSE than the default 1Ω, use the Settings
menu in the GUI to enter the correct sense resistor values so that ISENSE and Power
can be properly calculated (see Section 3.2 “Top Menu”).
The 4 mΩ resistors (R1-R4) can be unsoldered and replaced with a different value at
the discretion of the user. The 4 mΩ resistors have very wide metal connecting each
end to terminals 1 and 3 of the connector block, and it is challenging to remove them
cleanly. If they are removed, they will reveal a layout that facilitates soldering this wide
metal connection to each end of the new sense resistor and a kelvin connection for
each end that goes to the inputs of the PAC1934. Both the wide metal to the connector
block and the kelvin connection need to be soldered to the new sense resistor.
4.4
OTHER HARDWARE ON THE BOARD
The second columns of jumpers (J14-J17) are by default in the correct position for
either DEMO mode or System (shunt) mode. Their function is to enable measurement
of the current going into the VDD pin and the current going into the VDD_IO pin. This is
described in Section 4.7 “PAC1934 current measurements using the PAC1934.”
In the lower right corner are shorted jumpers J23 and J25 to connect the SLOW pin and
the ADDRSELECT pin to ground. Grounding the SLOW pin causes the PAC1934 to
function at the sample rate programmed by the GUI (default is 1024 samples per sec-
ond). Removing the shunt on J23 allows the SLOW pin to be pulled high, overriding the
programmed sample rate and setting the sampling rate to eight samples/second. The
ADDRSELECT pin sets the SMBus/I2C address to 20h when grounded. Removing the
shunt sets the address to 22h. Other addresses can be selected by removing the shunt
and changing the value of R22 (see the PAC1934 Data Sheet for values). Nearby is
J24 for connecting the PWRDWN to ground if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com