Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002 Datasheet(PDF) 30 Page - Microchip Technology

Part # 5002
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5002 Datasheet(HTML) 30 Page - Microchip Technology

Back Button 5002 Datasheet HTML 26Page - Microchip Technology 5002 Datasheet HTML 27Page - Microchip Technology 5002 Datasheet HTML 28Page - Microchip Technology 5002 Datasheet HTML 29Page - Microchip Technology 5002 Datasheet HTML 30Page - Microchip Technology 5002 Datasheet HTML 31Page - Microchip Technology 5002 Datasheet HTML 32Page - Microchip Technology 5002 Datasheet HTML 33Page - Microchip Technology 5002 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 30
 2017 Microchip Technology Inc.
FIGURE 4-2:
MEASURING THE VOLTAGE AND CURRENT ON THE VIO PIN
WITH CHANNEL 1
Please note that the GUI is not capable of capturing data points as fast as the PAC1934
is capable of producing them. For this reason, the fastest rate that data can be captured
and plotted is approximately one point per 250 samples when sampling at 1024 sam-
ples/second. Therefore, the true period variation of the un-averaged measurements
cannot be accurately seen with this GUI and appears more like noise.
A similar option is available in DEMO mode for measuring the VDD current required by
the PAC1934. The IDD current flows in R19 (10Ω). Move the shunts for J16 and J16 to
the VDD position to connect Channel 4 inputs across R19, and the GUI may be used to
display IDD as ISENSE on channel 4. In Figure 4-3 VDD is displayed as VBUS with chan-
nel 4 and IDD is displayed as Current on Channel 4.
FIGURE 4-3:
MEASURING THE VOLTAGE AND CURRENT ON THE VDD
PIN WITH CHANNEL 4
4.8
ADDITIONAL HARDWARE DETAILS
Directly above and below the PAC1934 are shorted jumpers labeled VIO (J22) and VDD
(J29). These provide a place for removing the short and inserting a current meter if the
user wishes to measure the current in the VDD_IO pin and/or the VDD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com