Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002 Datasheet(PDF) 36 Page - Microchip Technology

Part # 5002
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5002 Datasheet(HTML) 36 Page - Microchip Technology

Back Button 5002 Datasheet HTML 32Page - Microchip Technology 5002 Datasheet HTML 33Page - Microchip Technology 5002 Datasheet HTML 34Page - Microchip Technology 5002 Datasheet HTML 35Page - Microchip Technology 5002 Datasheet HTML 36Page - Microchip Technology 5002 Datasheet HTML 37Page - Microchip Technology 5002 Datasheet HTML 38Page - Microchip Technology 5002 Datasheet HTML 39Page - Microchip Technology 5002 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
A.4
ADM00805 EVALUATION BOARD - SCHEMATIC 3
1%
24.9R
0603
R29
GND
GND
GND
Idemo
0
1
~12.5mA
~25mA
0.5Hz pulse generator
1.9A
3
1
2
Q1
1k
0603
1%
R31
100R
0603
R30
DNP
TP12
8.2k
0603
1%
R34
GREEN
LD3
0.1uF
0603
C21
2.2uF
16V
1206
C22
12.1k
0603
1%
R35
5.6k
0603
1%
R37
10k
0603
1%
R38
1M
R36
GND
GND
+5V_USB
3k
0603
1%
R32
1
1 2
J28
0.5Hz AMPLITUDE
GND
MCP6072
+A
3
-A
2
OUTA
1
+A
-A
OUTA
O
VSS
4
VDD
8
U4A
MCP6072
+B
5
-B
6
OUTB
7
+B
-B
OUTB
O
U4B
+5V_USB
1.5k
0603
1%
R33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com