Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002 Datasheet(PDF) 35 Page - Microchip Technology

Part # 5002
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5002 Datasheet(HTML) 35 Page - Microchip Technology

Back Button 5002 Datasheet HTML 31Page - Microchip Technology 5002 Datasheet HTML 32Page - Microchip Technology 5002 Datasheet HTML 33Page - Microchip Technology 5002 Datasheet HTML 34Page - Microchip Technology 5002 Datasheet HTML 35Page - Microchip Technology 5002 Datasheet HTML 36Page - Microchip Technology 5002 Datasheet HTML 37Page - Microchip Technology 5002 Datasheet HTML 38Page - Microchip Technology 5002 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
A.3
ADM00805 EVALUATION BOARD - SCHEMATIC 2
220R
2
FB1
USB_N
USB_P
USB_N
USB_P
0.47uF
6.3V
0603
C15
GND
VUSB
MCP2221A
VDD
1
GP0
2
GP1
3
RST
4
UART RX
5
UART TX
6
GP2
7
GP3
8
SDA
9
SCL
10
VUSB
11
D-
12
D+
13
VSS
14
VDD
GP0
GP1
RST
UART RX
UART TX
GP2
GP3
SDA
SCL
VUSB
D-
D+
VSS
U2
GREEN
LD1
I2C ACTIVITY
8.2k
0603
1%
R25
SM_ACT
GND
GND
0.1uF
16V
0603
C14
4.7uF
10V
0805
C17
GND
GND
8.2k
0603
1%
R26
GREEN
LD2
POWER
USB2.0 Micro-B Female
ID
4
VBUS
1
GND
5
D-
2
D+
3
J26
SHIELD
+5V_USB
+5V_USB
16V
0.1uF
0603
C20
16V
0.1uF
0603
C19
FXMA2102L8X
VCCA
1
A0
2
A1
3
OE
5
GND
4
B0
7
B1
6
VCCB
8
U3
SCL_USB
SDA_USB
SDA
SCL
SCL_USB
SDA_USB
+5V_USB
+5V_USB
+5V_USB
+5V_USB
GND
GND
GND
0.1uF
16V
0603
C16
DNP
TP11 GND
GND
+5V_USB
DNP
TP10
5V
SCL
SDA
1
2
3
4
5
6
PK Serial
TX
VDD
GND
SDA
SCL
RX
X
J27
GND
SDA
SCL
4.7k
0603
1%
R27
4.7k
0603
1%
R28
VIO
+5V_USB
VIO
VIO_EXT
+5V_USB
VIO_EXT
VIO
JS202011SCQN
6
4
5
1
2
3
SW1
+5V_USB
USB_I2C_EN
USB_I2C_EN
GND
16V
0.1uF
0603
C18
+5V_USB
GND
J30
+5V_USB
GND
USB_I2C_EN
4.7k
0603
1%
R39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com