Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002 Datasheet(PDF) 43 Page - Microchip Technology

Part # 5002
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5002 Datasheet(HTML) 43 Page - Microchip Technology

Back Button 5002 Datasheet HTML 37Page - Microchip Technology 5002 Datasheet HTML 38Page - Microchip Technology 5002 Datasheet HTML 39Page - Microchip Technology 5002 Datasheet HTML 40Page - Microchip Technology 5002 Datasheet HTML 41Page - Microchip Technology 5002 Datasheet HTML 42Page - Microchip Technology 5002 Datasheet HTML 43Page - Microchip Technology 5002 Datasheet HTML 44Page - Microchip Technology 5002 Datasheet HTML 45Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Bill of Materials (BOM)
 2017 Microchip Technology Inc.
DS50002673A-page 43
1
U3
IC Interface, FXMA2102L8X, 2-Bit Voltage,
Translator/Buffer Micropak-8
Fairchild
Semiconductor®
FXMA2102L8X
1
U4
MCHP Analog OPAMP, 2-Ch, 1.2 MHz,
MCP6072-E/SN SOIC-8
Microchip
Technology Inc.
MCP6072-E/SN
TABLE B-2:
DO NOT POPULATE
Qty.
Reference
Description
Manufacturer
Part Number
0
C1, C2, C3, C4,
C5, C6, C7, C8
Capacitor Ceramic, 10000 pF, 50V, 20%
X7R, SMD, 0603
AVX Corporation
06035C103KAT2A
0
R21
Resistor TKF, 10k 1% 1/10W, SMD, 0603
Panasonic® - ECG ERJ-3EKF1002V
0
TP10
Misc, Test Point, Multi-purpose, Mini, Red
Keystone
Electronics Corp.
5000
0
TP11
Misc, Test Point, Multi-purpose, Mini, Black
Keystone
Electronics Corp.
5001
0
TP12
Misc, Test Point, Multi-purpose, Mini, White
Keystone
Electronics Corp.
5002
0
J18, J19, J20,
J21
CON HDR-2.54 Female 1x4 Gold TH VERT Samtec, Inc.
SSW-104-01-G-S
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.
TABLE B-1:
ADM00805 EVALUATION BOARD - BILL OF MATERIALS (BOM) (CONTINUED)
Qty.
Reference
Description
Manufacturer
Part Number
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com