Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3BA Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC H3BA Datasheet HTML 10Page - Omron Electronics LLC H3BA Datasheet HTML 11Page - Omron Electronics LLC H3BA Datasheet HTML 12Page - Omron Electronics LLC H3BA Datasheet HTML 13Page - Omron Electronics LLC H3BA Datasheet HTML 14Page - Omron Electronics LLC H3BA Datasheet HTML 15Page - Omron Electronics LLC H3BA Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Solid-state Timer
H3BA-N
Dimensions with Y92F-70 Flush Mounting Adapter
Dimensions with Y92F-71 Flush Mounting Adapter
Track Mounting
Note:
These dimensions vary with the kind of DIN track (reference
value).
Flush Mounting
Panel
88
58
45±0.15
45±
0.15
Panel Cutout
Adapter mounting hole Two, 4.5 dia.
52 to 53
76±0.2
65 to 66
R0.5 max.
PW
UP
Panel
43±0.2
58
50+0.2
−0
56
68
R0.5 max.
45+0.5
−0
55+0.5
−0
Note:
The mounting panel thickness
should be 1 to 3.2 mm.
45±0.2
Panel Cutout
PW
UP
112.2
*
109.9
2.3
*
H3BA-N
P2CF-11
H3BA-N8H
P2CF-08
101.3
*
99
2.3
*
H3BA-N
+
Adapter
Y92F-30
P3GA-11
91.4
15
H3BA-N8H
Y92F-30
P3G-08
15
86.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com