Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3BA Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 9Page - Omron Electronics LLC H3BA Datasheet HTML 10Page - Omron Electronics LLC H3BA Datasheet HTML 11Page - Omron Electronics LLC H3BA Datasheet HTML 12Page - Omron Electronics LLC H3BA Datasheet HTML 13Page - Omron Electronics LLC H3BA Datasheet HTML 14Page - Omron Electronics LLC H3BA Datasheet HTML 15Page - Omron Electronics LLC H3BA Datasheet HTML 16Page - Omron Electronics LLC H3BA Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Solid-state Timer
H3BA-N
13
■ Accessories (Order Separately)
Track Mounting/Front Connecting Socket
Back Connecting Socket
Mounting Track
P2CF-08
P2CF-11
Terminal Arrangement/
Internal Connections
(Top View)
Surface Mounting Holes
40±0.2
Two, 4.5 dia. or two, M4
Two, 4.5 dia. or two, M4
40±0.2
Eight,
M3.5
× 7.5 sems
Two, 4.5 dia.
holes
70 max.
50 max.
20.3 max.
7.8
3
4.5
35.4
4
Two, 4.5 dia.
holes
Eleven,
M3.5
× 7.5 sems
70 max.
50 max.
31.2 max.
7.8
3
4.5
35.4
4
P3G-08
P3GA-11
Terminal Arrangement/
Internal Connections
(Bottom View)
45
27 dia.
45
4.9
17
45
45
27 dia.
25.6
4.5
16.3
6.2
PFP-100N, PFP-50N
PFP-100N2
L: Length
1 m
PFP-100N
50 cm
PFP-50N
1 m
PFP-100N2
4.5
15 25
25
25
25 *
10
10
L
7.3±0.15
35±0.3
27±0.15
1
4.5
15 25
25
25
25 15
10
10
L
35±0.3 27
24
16
29.2
1
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com