Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3BA Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 3 Page - Omron Electronics LLC

  H3BA Datasheet HTML 1Page - Omron Electronics LLC H3BA Datasheet HTML 2Page - Omron Electronics LLC H3BA Datasheet HTML 3Page - Omron Electronics LLC H3BA Datasheet HTML 4Page - Omron Electronics LLC H3BA Datasheet HTML 5Page - Omron Electronics LLC H3BA Datasheet HTML 6Page - Omron Electronics LLC H3BA Datasheet HTML 7Page - Omron Electronics LLC H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Solid-state Timer
H3BA-N
3
Specifications
■ General
* CCC certification requirements
■ Time Ranges
Item
H3BA-N
H3BA-N8H
Operating mode
A: ON-delay
B: Flicker OFF start
B2: Flicker ON start
C: Signal ON/OFF-delay
D: Signal OFF-delay
E: Interval
G: Signal ON/OFF-delay
J: One-shot
A: ON-delay
H: ON-delay with instantaneous output contact
Pin type
11-pin
8-pin
Input type
No-voltage input
---
Output type
DPDT (time-limit)
SPDT (time-limit) and switchable SPDT (time-limit <--->
instantaneous)
Mounting method
DIN track mounting, surface mounting, and flush mounting
Approved standards
UL508, CSA C22.2 No.14, LR, CCC : GB/T 14048.5 *
Conforms to EN61812-1 (Pollution degree 2 / Overvoltage category
ΙΙΙ)
EMC
(EMI)
EN61812-1
Radiated Emissions:
EN 55011 class A
Emission AC Mains:
EN 55011 class A
(EMS)
EN61812-1
ESD Immunity:
EN 61000-4-2:
6 kV contact discharge,
8 kV air discharge
Radiated Radio-Frequency
EN 61000-4-3: 10 V/m (80 MHz to 1 GHz AM modulation)
Electromagnetic Field Immunity:
3 V/m (1.4 GHz to 2 GHz AM modulation)
1 V/m (2 GHz to 2.7 GHz AM modulation)
10 V/m (900 MHz Pulse modulation)
Conducted disturbances:
EN 61000-4-6: 10 V (0.15 MHz to 80 MHz)
Burst Immunity:
EN 61000-4-4:
2 kV power line
2 kV I/O signal line
Surge Immunity:
EN 61000-4-5:
2 kV common mode
1 kV differential mode
Voltage dips:
EN 61000-4-11
Voltage interruptions:
EN 61000-4-11
Recommended fuse
0216005 (250 VAC, 5 A) manufactured by Littelfuse
Rated operating voltage Ue
Rated operating current Ie
AC-15: Ue: 250 VAC, Ie: 3 A
AC-13: Ue: 250 VAC, Ie: 5 A
DC-13: Ue: 30 VDC, Ie: 1.5 A
Rated insulation voltage
250 V
Rated impulse withstand voltage
(altitude: 2,000 m max.)
4 kV (at 240 VAC)
Conditional short-circuit current
1,000 A
Time unit
sec
× 10 s
min
× 10 m
hrs
× 10 h
Full scale setting
1.2
Set time 0.05 to 1.2
1.2 to 12
0.12 to 1.2
1.2 to 12
0.12 to 1.2
1.2 to 12
3
0.3 to 3
3 to 30
0.3 to 3
3 to 30
0.3 to 3
3 to 30
12
1.2 to 12
12 to 120
1.2 to 12
12 to 120
1.2 to 12
12 to 120
30
3 to 30
30 to 300
3 to 30
30 to 300
3 to 30
30 to 300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com