Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3BA Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 12Page - Omron Electronics LLC H3BA Datasheet HTML 13Page - Omron Electronics LLC H3BA Datasheet HTML 14Page - Omron Electronics LLC H3BA Datasheet HTML 15Page - Omron Electronics LLC H3BA Datasheet HTML 16Page - Omron Electronics LLC H3BA Datasheet HTML 17Page - Omron Electronics LLC H3BA Datasheet HTML 18Page - Omron Electronics LLC H3BA Datasheet HTML 19Page - Omron Electronics LLC H3BA Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Solid-state Timer
H3BA-N
■ Input Connections
The inputs of the H3BA-N are no-voltage (short circuit or open) inputs.
No-voltage Inputs
No-voltage Input Signal Levels
No-contact
input
Contact
input
1. Short-circuit level
Transistor ON
Residual voltage: 1 V max.
Impedance when ON: 1 k
Ω max.
2. Open level
Transistor OFF
Impedance when OFF: 200 k
Ω min.
Use contacts which can adequately
switch 0.1 mA at 5 V
No-contact Input
(Connection to NPN open
collector output sensor.)
Contact Input
No-contact Input
(Connection to a voltage
output sensor.)
12 to 24 VDC
(sensor power supply)
Sensor
Timer
Start/reset/
gate
Input (0 V)
(No. 2 pin)
Operates with transistor ON
+
−
DC power
supply
Timer
Start/reset/
gate
Input (0 V)
(No. 2 pin)
Operates with relay ON
12 to 24 VDC
(sensor power supply)
Sensor
Timer
Start/reset/
gate
Input (0 V)
(No. 2 pin)
Operates with transistor ON
+
−
DC power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com