Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3BA Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 14Page - Omron Electronics LLC H3BA Datasheet HTML 15Page - Omron Electronics LLC H3BA Datasheet HTML 16Page - Omron Electronics LLC H3BA Datasheet HTML 17Page - Omron Electronics LLC H3BA Datasheet HTML 18Page - Omron Electronics LLC H3BA Datasheet HTML 19Page - Omron Electronics LLC H3BA Datasheet HTML 20Page - Omron Electronics LLC H3BA Datasheet HTML 21Page - Omron Electronics LLC H3BA Datasheet HTML 22Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Solid-state Timer
H3BA-N
19
■ Mounting
Surface Mounting
There is no particular restriction on surface mounting directions, but
be sure that the Timer is securely mounted horizontally.
P2CF Socket
When mounting the Timer vertically with the P2CF Socket, consider
the movable hooks and be sure that there is a 20-mm space on each
of the upper and lower parts of the Socket.
PL Socket
1.
Secure the Socket to the panel surface with screws and insert the
F-shaped hook into the sockets.
2.
Connect the Timer to the Socket and press the tip of each hook
by hand.
Panel Mounting
When the Y92F-30 Flush Mounting Adapter is used, insert the Timer
into the square hole from the front side of the panel and put on the
Flush Mounting Adapter from the rear side of the Timer. Press the
Flush Mounting Adapter so that the space between the Flush
Mounting Adapter and the panel is reduced as much as possible,
and secure the Flush Mounting Adapter with screws.
When using the US08, be sure to use 10.5-dia. max. multi-conductor
cable or 3-dia. max. insulated stranded wire for wiring.
When the Y92F-30, Y92F-70 or Y92F-71 Flush Mounting Adapter is
used, just insert the Timer into the square panel hole. If the panel
coating is too thick and the hooks do not click, spread open the
hooks appropriately to the left and right after inserting the Timer to
the hole.
■ Dismounting
Surface Mounting with P2CF
Panel Mounting
Loosen the screws of the Flush Mounting Adapter, spread open the
hooks, and remove the Mounting Adapter.
When the Y92F-30, Y92F-70, Y92F-71 Mounting Adapter is used,
press the hook inwards with the thumb and index finger of both
hands, and press the Timer towards the front side.
Duct
Hook
Panel
P2CF-08
Panel
Screw
Y92F-30
Spread open the hooks to the left and right.
Spread open the hooks to the left and right.
Panel
The illustration is an ex
ample with the Y92F-70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com