Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A Datasheet(PDF) 48 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 48 Page - Diodes Incorporated

Back Button PI3DPX1202A Datasheet HTML 43Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 44Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 45Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 46Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 47Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 48Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 49Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 50Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 51Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
48 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
7.3
Tape & Reel Materials and Design
Carrier Tape
The Pocketed Carrier Tape is made of Conductive Polystyrene plus Carbon material (or equivalent). The surface resistivity is 106
Ohm/sq. maximum. Pocket tapes are designed so that the component remains in position for automatic handling after cover tape is
removed. Each pocket has a hole in the center for automated sensing if the pocket is occupied or not, thus facilitating device removal.
Sprocket holes along the edge of the center tape enable direct feeding into automated board assembly equipment. See Figures 3 and 4
for carrier tape dimensions.
Cover Tape
Cover tape is made of Anti-static Transparent Polyester film. The surface resistivity is 107Ohm/Sq. Minimum to 1011Ohm sq. maxi-
mum. The cover tape is heat-sealed to the edges of the carrier tape to encase the devices in the pockets. The force to peel back the
cover tape from the carrier tape shall be a MEAN value of 20 to 80gm (2N to 0.8N).
Reel
The device loading orientation is in compliance with EIA-481, current version (Figure 2). The loaded carrier tape is wound onto ei-
ther a 13-inch reel, (Figure 4) or 7-inch reel. The reel is made of Anti-static High-Impact Polystyrene. The surface resistivity 107Ohm/
sq. minimum to 1011Ohm/sq. max.
NOTE: LABELS TO BE PLACED ON
THE REEL OPPOSITE PIN 1
TOP
COVER
TAPE
SPROCKET
HOLE (ROUND)
CARRIER TAPE
EMBOSSED CAVITY
BARCODE LABEL
Figure 7-4: Tape & Reel label information
END
CARRIER TAPE
TRAILER
COVER
TAPE
COMPONENTS
COVER TAPE
START
LEADER
Top Left
PIN 1
ORIENTATION
Top Right
PIN 1
ORIENTATION
Bottom Left
PIN 1
ORIENTATION
Figure 7-5: Tape leader and trailer pin 1 orientations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com