Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A Datasheet(PDF) 19 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button PI3DPX1202A Datasheet HTML 15Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 16Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 17Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 18Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 19Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 20Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 21Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 22Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
19 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
4.3
SMBus Registers
The AUX register can be read/write using the SMBus input. When in AUX mode, the control of the registers is passed to AUX, writ-
ing the SMBUS as the same time should be avoided.
In TMDS mode setting (CAD_DET) = 1, external source can use SMBus to set the Equalization settings. EQ table can also be set by
programming SMBus register 1.
SMBus is set to auto EQ mode 1 by default. ie. Reg0x01=00001101.
Table 4-10: SMBUS Register 0x00 & 0x01 Definition
SMBus Reg-
isters
Description
Default value
SMBus
Access
0x00
EQ Control Select, when CNTRL= 0 with SMBus_reg 0x01 bit [1:0]
bit[7]: EQ2
bit[6]: EQ1
bit[5]: EQ0
bit[4]: EQBAND is EQ group control register. Please refer Gain(dB) Control table
Pre-emphasis control
bit[3]: Control OP1 pin
bit[2]: Control OP0 pin
Swing control
bit[1]: Control OC1 pin
bit[0]: Control OC0 pin
06h
R/W
0x01
bit [7:4] Reserved
bit [3:2] EQ control
00: EQ pin set Low
01: EQ pin set Middle
11: EQ pin set High
bit [1:0] AUTO_EQ control
00: AUTO_EQ pin set Low
01: AUTO_EQ pin set Middle
11: AUTO_EQ pin set High
00h
R/W
0x02: 0x14
Reserved
00h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com