Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI3DPX1202A Datasheet HTML 8Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 9Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 10Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 11Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 12Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 13Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 14Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 15Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
12 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
4. Functional Description
4.1
Block Diagram
CNTRL
Voltage
Level
Detector
SCL_CTL/OP0
SDA_CTL/OP1
3.3V BandGap
Regulator
EQ
AUX_SRCP
AUC_SRCN
SCL_DDC
SDA_DDC
AUX_SNKP
AUX_SNKN
OUT[3:0]P
OUT[3:0]N
3.3V
IN[3:0]P
IN[3:0]N
EQBAND[0:2]
CAD_SNK
ENABLE
HPD_SNK
HPD_SRC
CAD_SRC
Control Logic
Aux listener
VBIAS
1.5V
50Ω
50Ω
DPCD
Registers
SMBus
0x00:0x01
1.5V
Output
Buffer
1.2V
Input
EQ
1.5V
EQ
Driver
OP0
I2C_ADDR/OC1
OC1
OP1
EQ Mode
Control
Auto / Fixed EQ
Voltage Swing
Pre-Emp
Output Swing
Pre-Emphasis
Ctrl1
Ctrl2
OC0
AUTOEQ
Figure 4-1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com