Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX1202A Datasheet HTML 1Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 2Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 3Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 4Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 5Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 6Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 7Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 8Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
1 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
Description
PI3DPX1202A is DisplayPort 1.2 standard compliant, very
low power DP Redriver.
The device can read the Aux-channel Link Training (LT)
Swing and Pre-emphasis data between Transmitter and
Receiver, configure the output swing / Pre-emphasis, and
automatically calculates EQ based on Swing/Pre-emphasis
LT values through the built-in Aux listener. EQ can pro-
gram by the I2C serial interface.
The device can reduce signal jitter caused by transmission
line effects, and compensate for the PCB-related frequency
and switching-related loss to provide optimum DP perfor-
mance between the link.
Features
Î
Dual mode DisplayPort Redriver, DP 1.2 Specification
compliant
Î
Support all 1.62 / 2.7 / 5.4 Gbps data rate with DDC/
Aux signal switching
Î
High speed inputs with internal 50 Ohm pull-down
Î
Ultra Low-power design
Î
Dual mode DisplayPort Input/Output with TMDS clock
Frequencies up to 340 MHz
Î
Aux Listener support link training and configure output
level, pre-emphasis setting during link initialization.
Aux Listener supports "sink Request test mode"
Î
Pseudo-adaptive equalization based on signal level and
pre-emphasis setting in Aux register
Î
CNTRL provides pin control EQ, Output Voltage Swing
and Pre-Emphasis
Î
DP and TMDS output mode selection with Cable
Detection pins
Î
Support Hot Plug Detect and Cable Detect function
Î
Individual lane power down automatically when no DP
signal present
Î
DP redriver enter power down state to reduce current
consumption when sink device deserted
Î
Power Supply : 3.3V
Î
ESD HBM protection 2kV
Î
Package: 48-pin TQFN (7x7mm)
Typical Applications
Î
Notebook, AIO and Desktop PCs
Î
Graphic Cards
DP1.2 Redriver
+ Aux/DDC Switch
DP++ Host
CPU
dGPU
DP Mainlink(p/n)
Aux-ch(p/n)
NoteBook PC DP++ Redriver
DisplayPort
Connector
Figure: NB Application Block Diagram
Ordering Information
Ordering
Code
Package
Code
Package Type
PI3DPX1202A2
ZBE(X)
ZB
3.3V only power, Pb-free &
Green, 48-pin TQFN, Tray(Tape/
Reel)
PI3DPX1202A2
ZBIEX
ZB
Industrial Temperature
3.3V only power, Pb-free &
Green, 48-pin TQFN, Tape/Reel
PI3DPX1202A1
ZBE(X)
ZB
3.3V only power, Pb-free &
Green, 48-pin TQFN, Tray(Tape/
Reel)
Suffix: I = Industrial Temperature, E = Pb-free and Green, X = Tape/Reel.
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch


Similar Part No. - PI3DPX1202A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1202A1ZBEX DIODES-PI3DPX1202A1ZBEX Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1202A1ZBIEX DIODES-PI3DPX1202A1ZBIEX Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1202A2ZBEX DIODES-PI3DPX1202A2ZBEX Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1202A2ZBIEX DIODES-PI3DPX1202A2ZBIEX Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
More results

Similar Description - PI3DPX1202A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
PI3AUX221 DIODES-PI3AUX221 Datasheet
638Kb / 1P
AUX/DDC Interface IC
Rev 3 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com