Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A Datasheet(PDF) 38 Page - Diodes Incorporated

Part # PI3DPX1202A
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A Datasheet(HTML) 38 Page - Diodes Incorporated

Back Button PI3DPX1202A Datasheet HTML 34Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 35Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 36Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 37Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 38Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 39Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 40Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 41Page - Diodes Incorporated PI3DPX1202A Datasheet HTML 42Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
38 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
High-speed signal Routing
Well-designed layout is essential to prevent signal reflection:
•
For 90Ω differential impedance, width-spacing-width micro-strip of 6-7-6 mils is recommended; for 100Ω differential imped-
ance, width-spacing-width micro-strip of 5-7-5 mils is recommended.
•
Differential impedance tolerance is targeted at ±15%.
Figure 6-4: Trace Width and Clearance of Micro-strip and Strip-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com