Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet(PDF) 4 Page - LinkCom Manufacturing Co., Ltd.

Part # INT
Description  50W Programmable Tunable White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

INT Datasheet(HTML) 4 Page - LinkCom Manufacturing Co., Ltd.

  INT Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
50W Programmable Tunable White LED Driver
INT Series
INT
Series
GND
DIM BRT
PWM
signal
GND
INT
Series
RSET
Rset
10K~100K
DC 0-10V Dimming Performance
DC 0-10V Dimming Performance On Fixtures (35V 1.4A)
DIMMER COMPATIBILITY
Dimmer Type
Brand
Leviton
Lutron
Wattstopper
Notes:
1. Purple and Gray wires on the output side are used for 0-10V dimming.
2. Recommended dimmers are Leviton IP710,Lutron NTSTV-DV or equivalent.
3. When dimming wires +Purple/-Gray are left open, the output current will be at 100%.
4. Dimmer must be current-sink type control
PWM DIMMING PERFORMANCE
PWM Duty Cycle 0%~100% , 10V/1KHz; Dimming Performance On Fixtures(35V 1.4A)
Parameters
Min.
Typ.
Max.
Units
PWM Singnal on 0-10V Purple(+)
1000
Hz
Source current out of dimmer
120
uA
Notes:
1. When dimming wires +Purple/-Gray are left open, the output current will be at 100%.
2. Dimmer must be current-sink type control
RSET DIMMING PERFORMANCE
Parameters
Min.
Typ.
Max.
Units
Resistance range on RSET dimming wire
0
130K
Ω
Source current out of dimmer
120
uA
Notes:
1. RSET dimming wire are used for external resistor
0~10V Dimming
External Resistor Dimming Performance On Fixtures (35V 1.4A)
ADF-120277-W
Part Number
IP-710
NTSTV-DV
INT
Series
GND
DIM BRT
PWM
signal
GND
INT
Series
RSET
Rset
10K~100K
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw
Rev. 1.12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com