Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # INT
Description  50W Programmable Tunable White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

INT Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  INT Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
50W Programmable Tunable White LED Driver
INT Series
INT
Series
GND
DIM BRT
PWM
signal
GND
INT
Series
RSET
Rset
10K~100K
Dimming Specifications
Units
Vdc
Hz
Ω
mA
mA
uA
CCT Tuning Specifications
Units
Vdc
Hz
uA
Units
mA
W
Default
Protection Functions
Units
℃
Environmental Conditions
Units
℃
%RH
℃
dB
℃
%RH
g
EMC Compliance and Safety
Comply with EN 55015 (CISPR15)
Comply with EN 61000-3-2
Comply with EN 61000-3-3
Comply with IEC 61000-4-2
Comply with IEC 61000-4-3
Comply with IEC 61000-4-4
Comply with IEC 61000-4-5
Comply with IEC 61000-4-6
Comply with IEC 61000-4-8
Comply with IEC 61000-4-11
(1) Auxiliary output function is customized upon request. Please contact LinkCom sales team if need AUX function.
Output Current for Dimmer
Programming without Line Voltage
120
Min.
Typ.
Electrical Fast Transient
EMS Standards
Weight
Voltage Dips
Conducted and Radiated Emmission
Electrostatic Discharge (ESD)
UL 8750, Class2, Class P
Safety
Conditions/Description
1000
0
15
Output Current for Dimmer
120
Minimum dimming current
Max.
50
RF Electromagnetic Field
Susceptibility
Conducted RF Disturbances
Sound Rating
24
-40
8 KV air discharge, 4 KV contact discharge
Voltage Fluctuations & Flicker
Harmonic Current Emissions
Storage Temperature
Surge Immunity
L-N 2.5KV, L-PE/N-PE 4KV
EMC Compliance
Measured at 120Vac, 45,000 hours at Tc 75°C for INT050U142F2NS
85
Non-condensing
Power Frequency Magnetic Field
A
UL
Notes:
Life Time
260
287* 26.2 * 25.1 mm
[ 11.3 * 1.03 * 0.99 inch ]
Dimensions(L*W*H)
Storage Humidity
10
95
Non-condensing
Operating Humidity
10
90
Non-condensing
Operating Case Temperature (Tc)
75
Case temperature measured at the case hot spot Measured at
120Vac,Ta 50℃
Min.
Typ.
Max.
Conditions/Description
Operating Temperature (Ta)
-30
50
Non-condensing
will restart automatically after the fault condition is removed
90
Lowest reduced output current 200mA
Conditions/Description
Min.
Typ.
Max.
Short Circuit Protection
will restart automatically after the fault condition is removed
Over Voltage Protection
Over Temp Protection (Tc)
Constant Power Set Range
50
Off-Line Programmable
Min.
Typ.
Max.
Conditions/Description
Programmable Current Range
700
1400
50mA per Step
Programmable Functions
Dim-to-Off Threshold
50
For 2 channel model INT050U142F2NS
Dimming Control (Analog)
Dimming Control (PWM)
Dimming Control (PWM)
Dimming Control (RSET)
0
130K
1000
Min.
Typ.
Max.
Conditions/Description
Dimming Control (Analog)
0
15
INT
Series
GND
DIM BRT
PWM
signal
GND
INT
Series
RSET
Rset
10K~100K
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw
Rev. 1.12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com