Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet(PDF) 6 Page - LinkCom Manufacturing Co., Ltd.

Part # INT
Description  50W Programmable Tunable White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

INT Datasheet(HTML) 6 Page - LinkCom Manufacturing Co., Ltd.

  INT Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
50W Programmable Tunable White LED Driver
INT Series
INT
Series
GND
DIM BRT
PWM
signal
GND
INT
Series
RSET
Rset
10K~100K
*REFERENCE: www.linkcom.com.tw
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
Output Current vs. Output Voltage
THD vs. Output Voltage
PF vs. Output Voltage
Efficiency vs. Output Voltage
INT
Series
GND
DIM BRT
PWM
signal
GND
INT
Series
RSET
Rset
10K~100K
0.600
0.800
1.000
1.200
1.400
1.600
15
25
35
45
55
Output Voltage (V)
Output Current vs. Output Voltage
1400mA / 120 Vin
1400mA / 277 Vin
900mA / 120 Vin
900mA / 277 Vin
60.0%
70.0%
80.0%
90.0%
100.0%
15
25
35
45
55
Output Voltage (V)
Efficiency vs. Output Voltage
1400mA / 120 Vin
1400mA / 277 Vin
900mA / 120 Vin
900mA / 277 Vin
0.0%
10.0%
20.0%
30.0%
15
25
35
45
55
Output Voltage (V)
THD vs. Output Voltage
1400mA / 120 Vin
1400mA / 277 Vin
900mA / 120 Vin
900mA / 277 Vin
0.60
0.70
0.80
0.90
1.00
15
25
35
45
55
Output Voltage (V)
PF vs. Output Voltage
1400mA / 120 Vin
1400mA / 277 Vin
900mA / 120 Vin
900mA / 277 Vin
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw
Rev. 1.12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com