Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # INT
Description  50W Programmable Tunable White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

INT Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  INT Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. INT Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
● Universal AC input from 120 - 277 VAC +/-10%
● Built-in active PFC function
● Output current programmable (50mA per step)
● 2-channel output for Tunable White color temperature control
● 1-channel output for Dim to wram or Brightness control
● Optional Auxiliary Output: 12V/30mA (See note 1)
● Flicker free comply with California Title 24
● Surge protection: L-N 2.5KV / L- PE 4KV
● Built-in adaptive Temperature Protection
● Protection: SCP / OVP / OPP
● Programmable protection reaction: Auto-restart or Latch mode
● Safety: UL8750, Class 2, Class P
● RoHS Compliant
● Warranty: 5 years (refer to warranty policy)
DIMMING FEATURES:
● Isolation for 3 in 1 dimming control: PWM, 0-10V, Rset
● Programmable Dimming Curves: Linear or Eye-Adapted
● Programmable Dimming Curve directions: Normal or Inverted
● Programmable dim-to-off function: enabled or disabled
● 1% Deep Dimming for Tunable White color temperature control
● Standby power <0.2W when enable Dim-to-off function
120VAC 277VAC
120VAC
120VAC 277VAC
1
87.0%
88.0%
0.99
2
86.0%
87.0%
0.99
Model Number Code
50W (MAX)
Output current 50mA step
Dim-to-off or minimum 50mA
Dimming curve
Input Specifications
Units
Vac
Hz
A
A
mA
%
W
Output Specifications
Units
mA
%
%
%
%
s
50W Programmable Tunable White LED Driver
700-1400
700-1400
PROGRAMMAB
LE OUTPUT
CURRENT
(mA)
MODEL
INT Series
EFFICIENCY
@Full load
Power
Factor
@Full load
Input Voltage Range
Conditions/Description
Max.
Typ.
108
120/277
0.6
Input Frequency Range
63
65
Per NEMA410
277VAC in
Oupput power
Programming Feature
120/277VAC,Full load
120/277VAC,Full load
Output Ripple Current (Flicker Factor)
California Title 24
LED Power up time
0.5
Measured at 120~277VAC and at full load.
Output Current Frequencies > 1KHz
±5
Full load
Output Current Regulation
±5
1400
Default 1400mA
Line Regulation
±5
When enable dim-to-off function
Min.
Typ.
Max.
Conditions/Description
Leakage Current
10
Standby power
0.2
50
20-55
OUTPUT
POWER
(W)
OUTPUT
VOLTAGE
(V)
<10%
PRODUCT SPECIFICATION
50
20-55
IP20
PRODUCT HIGHTLIGHT:
CONFIGURATION OVERVIEW
Programmer model
OUTPUT
CURRENT
TOLERANCE
(%)
±5%
±5%
INT050U142X1NS
INT050U142X2NS
WATERPROOF
GENERAL INFORMATION
INTPRGN001USB0
0.75
Power Factor (PF)
0.92
T.H.D
@Full load
305
0.5/0.22
IP20
Min.
OUTPUT
CHANNE
L
47
Input Current
Inrush Current
Total Harmonics Distortion (THD)
Output current (Normal)
700
Load Regulation
INT
Intelligent
□ □ □
Pout
050 = 50W
U
Safety
U = UL
□ □ □
Iout
142 = 1400mA
X
Dimming
Control
A = 0~10V
P= PWM
1/2
Output
Channel
1 = 1-channel
2 = 2-channel
N
Aux Voltage
N = Non Aux
S
Version
S=Slim
INT
Series
GND
DIM BRT
PWM
signal
GND
INT
Series
RSET
Rset
10K~100K
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw
Rev. 1.12


Similar Part No. - INT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
14-Sep-2018
logo
TE Connectivity Ltd
INT-1221-S-01 TEC-INT-1221-S-01 Datasheet
788Kb / 4P
INTEGRA 1221 DIGITAL METERING SYSTEM
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Banner Engineering Corp...
INT-BBB-X232Q5 BANNER-INT-BBB-X232Q5 Datasheet
517Kb / 2P
RS-232 Converter: Model INT-BBB-X232Q5
218631 Rev. A
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
Thyristor Surge Suppressors
More results

Similar Description - INT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
logo
Mean Well Enterprises C...
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
50W linear LED Driver
logo
LinkCom Manufacturing C...
INT050U142X1NS LINKCOM-INT050U142X1NS Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
Mean Well Enterprises C...
LCM-40TW MEANWELL-LCM-40TW Datasheet
853Kb / 7P
40W Constant Power Mode With Tunable White LED Driver
2022-11-28
logo
Inventronics Inc.
EUW-040DXXXDX INVENTRONICS-EUW-040DXXXDX Datasheet
834Kb / 16P
40W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-150DXXXDX INVENTRONICS-EUW-150DXXXDX Datasheet
872Kb / 19P
150W Programmable IP66 /IP67 Tunable White Driver
Rev.C
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com