Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet (PDF) - LinkCom Manufacturing Co., Ltd.

Part # INT
Description  50W Programmable Tunable White LED Driver
File Size   848.27 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

INT Datasheet (PDF) - LinkCom Manufacturing Co., Ltd.



Similar Part No. - INT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
14-Sep-2018
logo
TE Connectivity Ltd
INT-1221-S-01 TEC-INT-1221-S-01 Datasheet
788Kb / 4P
INTEGRA 1221 DIGITAL METERING SYSTEM
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Banner Engineering Corp...
INT-BBB-X232Q5 BANNER-INT-BBB-X232Q5 Datasheet
517Kb / 2P
RS-232 Converter: Model INT-BBB-X232Q5
218631 Rev. A
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
Thyristor Surge Suppressors
More results


Similar Description - INT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
logo
Mean Well Enterprises C...
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
50W linear LED Driver
logo
LinkCom Manufacturing C...
INT050U142X1NS LINKCOM-INT050U142X1NS Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
Mean Well Enterprises C...
LCM-40TW MEANWELL-LCM-40TW Datasheet
853Kb / 7P
40W Constant Power Mode With Tunable White LED Driver
2022-11-28
logo
Inventronics Inc.
EUW-040DXXXDX INVENTRONICS-EUW-040DXXXDX Datasheet
834Kb / 16P
40W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-150DXXXDX INVENTRONICS-EUW-150DXXXDX Datasheet
872Kb / 19P
150W Programmable IP66 /IP67 Tunable White Driver
Rev.C
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com