Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP110 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP110
Description  Scotch-WeldTM Epoxy Adhesive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP110 Datasheet(HTML) 4 Page - 3M Electronics

  DP110 Datasheet HTML 1Page - 3M Electronics DP110 Datasheet HTML 2Page - 3M Electronics DP110 Datasheet HTML 3Page - 3M Electronics DP110 Datasheet HTML 4Page - 3M Electronics DP110 Datasheet HTML 5Page - 3M Electronics DP110 Datasheet HTML 6Page - 3M Electronics DP110 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
- 4 -
Adhesive*
6mm Nozzle
gms/minute
10mm Nozzle
gms/minute
Scotch-Weld epoxy adhesive DP110 Gray
Scotch-Weld epoxy adhesive DP110 Gray 100°F (38°C)
8.3
14.0
31.5
50.3
Scotch-WeldTM
Epoxy Adhesives
DP110 Translucent and Gray
Environmental
Resistance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Overlap shear specimens were prepared on aluminum as above and exposed to the
environment conditions described below.
Environment
Overlap Shear (psi) @ 75°F (24°C)
3M™ Scotch-Weld™
Epoxy Adhesive
DP110 Translucent
3
M™ Scotch-Weld™
Epoxy Adhesive
DP110 Gray
Etched
Abraded
Etched
Abraded
Initial
2500
1000
2500
2300
30 days tap water @ 75°F (24°C)
2300
1250
2300
1250
3 days, 160°F (71°C), 100% rel. humidity
1200
700
1200
700
14 days in 5% salt spray @ 95°F (35°C)
500
150
500
150
Note: Avoid using either Scotch-Weld epoxy adhesive DP110 Translucent or Gray on metals
where the bonded parts will experience high humidity/hot water conditions. User must test
thoroughly adhesive performance for any environments which will be encountered.
3M™ EPX™
Pneumatic Applicator
Delivery Rates
400 ml Applicator – Maximum Pressure 73 psi
200 ml Applicator – Maximum Pressure 58 psi
Scotch-Weld epoxy adhesive DP110 Gray
6.6
25.6
Scotch-Weld epoxy adhesive DP110 Gray 100°F (38°C)
35.1
115.9
Scotch-Weld epoxy adhesive DP110 Gray 125°F (49°C)
53.8
129.6
Scotch-Weld epoxy adhesive DP110 Gray 150°F (66°C)
332.0
687.0**
48.5/50 ml Applicator – Maximum Pressure 50 psi
Adhesive*
1/4 in. Nozzle
gms/minute
Scotch-Weld epoxy adhesive DP110 Translucent
Scotch-Weld epoxy adhesive DP110 Gray
6.3
6.2 (nozzle cut back 2 divisions)
12.3
12.1 (nozzle cut back 2 divisions)
*Tests were run at a temperature of 70°F ± 2°F (21°C ± 1°C) and at maximum applicator pressure.
**Did not mix adequately.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com