Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP110 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP110
Description  Scotch-WeldTM Epoxy Adhesive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP110 Datasheet(HTML) 1 Page - 3M Electronics

  DP110 Datasheet HTML 1Page - 3M Electronics DP110 Datasheet HTML 2Page - 3M Electronics DP110 Datasheet HTML 3Page - 3M Electronics DP110 Datasheet HTML 4Page - 3M Electronics DP110 Datasheet HTML 5Page - 3M Electronics DP110 Datasheet HTML 6Page - 3M Electronics DP110 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Scotch-Weld
TM
Epoxy Adhesive
DP110 Translucent and Gray
Technical Data
March 2019
Product Description
3M™ Scotch-Weld™ Epoxy Adhesive DP110 Translucent and Gray are two-part
epoxy adhesives which combine a fast cure with flexibility.
Features
• Controlled flow
• 20 minute handling strength
• Duo-Pak cartridge dispensing system • Good adhesion to many plastics and metals
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M Scotch-Weld
Epoxy Adhesive
DP110 Translucent
3M Scotch-Weld
Epoxy Adhesive
DP110 Gray
Viscosity @ 72°F (23°C),
Base
30,000 - 70,000
40,000 - 90,000
73°F (24°C) (CPS)
Accelerator
30,000 - 70,000
40,000 - 90,000
Base Resin
Base
Accelerator
Modified Epoxy
Amine
Modified Epoxy
Amine
Color
Base
Accelerator
Translucent White
Light Yellow
Whit
e
Black
Net Weight
Base
9.1 - 9.4
9.1 - 9.4
(Lbs./Gallon)
Accelerator
9.0 - 9.3
9.0 - 9.3
Mix Ratio
Volume
100 : 100
100 : 100
B : A
Weight
100 : 99
100 : 99
Worklife @ 73°F (24°C)
(minutes)
8 - 13
8 - 13
Typical Cured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M Scotch-Weld
Epoxy Adhesive
DP110 Translucent
3M Scotch-Weld
Epoxy Adhesive
DP110 Gray
Color
Yellow Translucent
Gray
Shore D Hardness (approx.)
40
45
Elongation (approx.)
40%
40%


Similar Part No. - DP110

ManufacturerPart #DatasheetDescription
logo
Power-One
DP1101-7R POWER-ONE-DP1101-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
More results

Similar Description - DP110

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC2216 3M-EC2216 Datasheet
31Kb / 9P
Scotch-WeldTM Epoxy Adhesive
Dec-2009
DP270 3M-DP270 Datasheet
225Kb / 8P
Scotch-WeldTM Epoxy Potting Compound/Adhesive
Mar-2019
EC-2615 3M-EC-2615 Datasheet
116Kb / 5P
3M Scotch-WeldTM Epoxy Adhesive
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3532 3M-EC-3532 Datasheet
72Kb / 3P
Scotch-WeldTM Urethane Adhesive
EC-2216 3M-EC-2216 Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
Jun-2009
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
Scotch-WeldTM Structural Adhesive Primer
Aug-2001
EC-2216B 3M-EC-2216B Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com