Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP110 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP110
Description  Scotch-WeldTM Epoxy Adhesive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP110 Datasheet(HTML) 3 Page - 3M Electronics

  DP110 Datasheet HTML 1Page - 3M Electronics DP110 Datasheet HTML 2Page - 3M Electronics DP110 Datasheet HTML 3Page - 3M Electronics DP110 Datasheet HTML 4Page - 3M Electronics DP110 Datasheet HTML 5Page - 3M Electronics DP110 Datasheet HTML 6Page - 3M Electronics DP110 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
- 3 -
3M™ Scotch-Weld™
Epoxy Adhesives
DP110 Translucent and Gray
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
B. Aluminum T-Peel
T-Peel bonds were measured on 1 in. wide specimens cut from two FPL etched 8 in.
x 8 in. x .032 in., 2024 T3 clad aluminum panels bonded together. The separation
note of the testing jaws was 20 in./minute. Tests similar to ASTM D-1876.
Test Temp
3M™ Scotch-Weld™
Epoxy Adhesive
DP110 Translucent
3
M™ Scotch-Weld™
Epoxy Adhesive
DP110 Gray
75°F (24°C)
20 piw
20 piw
C. Overlap shear on abraded metals, plastics, and rubber
Overlap shear strengths were measured on 1 in. wide 1/2 in. overlap specimens.
These bonds were made individually using 1 in. x 4 in. pieces of substrate.
The thickness of the substrates were: cold rolled, galvanized and stainless steel –
0.056-0.062 in., copper – 0.032 in., brass – 0.036 in., rubbers – 0.125 in., plastics –
0.125 in. All surfaces were prepared by solvent wiping/abrading/solvent wiping.
The jaw separation rate used for testing was 0.1 in. per minute for metals, 2 in. per
minute for plastics, and 20 in. per minute for rubbers.
Substrate
Overlap Shear (psi) @ 75°F (24°C)
3M Scotch-Weld
Epoxy Adhesive
DP110 Translucent
3M Scotch-Weld
Epoxy Adhesive
DP110 Gray
Aluminum/Aluminum
1000
2300
Cold Rolled Steel/Cold Rolled Steel
1500
2500
Stainless Steel/Stainless Steel
1500
2450
Galvanized Steel/Galvanized Steel
1500
2600
Copper/Copper
1500
1750
Brass/Brass
1500
2450
Styrene Butadiene Rubber/Steel
80 - 100
80 - 100
Neoprene Rubber/Steel
40 - 60
40 - 60
ABS/ABS Plastic
500
680
PVC/PVC, Rigid
400
390
Polycarbonate/Polycarbonate
500
660
Acrylic/Acrylic
250
480
Fiber Reinforced Polyester/Fiber
Reinforced Polyester
1400*
1400*
*The substrate broke during the test instead of the bond.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com