Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP110 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP110
Description  Scotch-WeldTM Epoxy Adhesive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP110 Datasheet(HTML) 5 Page - 3M Electronics

  DP110 Datasheet HTML 1Page - 3M Electronics DP110 Datasheet HTML 2Page - 3M Electronics DP110 Datasheet HTML 3Page - 3M Electronics DP110 Datasheet HTML 4Page - 3M Electronics DP110 Datasheet HTML 5Page - 3M Electronics DP110 Datasheet HTML 6Page - 3M Electronics DP110 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP110 Translucent and Gray
- 5 -
Handling/Curing
Information
Directions for Use
1. For high strength structural bonds, paint, oxide films, oils, dust, mold release
agents and all other surface contaminants must be completely removed from
substrates to be bonded. However, the amount of surface preparation necessary
directly depends on the user’s required bond strength, environmental aging
resistance and economic practicalities. For specific surface preparations on
common substrates, see the section on surface preparation.
2. These products consist of two parts.
Mixing
For Duo-Pak Cartridges
3M™ Scotch-Weld™ Epoxy Adhesive DP110 Translucent and Gray are
supplied in a dual syringe plastic duo-pak cartridge as part of the 3M™ EPX™
Applicator system. To use, simply insert the duo-pak cartridge into the EPX
applicator and start the plunger into the cylinders using light pressure on the
trigger. Next, remove the duo-pak cartridge cap and expel a small amount of
adhesive to be sure both sides of the duo-pak cartridge are flowing evenly and
freely. If automatic mixing of Part A and Part B is desired, attach the EPX
mixing nozzle to the duo-pak cartridge and begin dispensing the adhesive. For
hand mixing, expel the desired amount of adhesive and mix thoroughly. Mix
approximately 15 seconds after a uniform color is obtained.
For Bulk Containers
Mix thoroughly by weight or volume in the proportions specified on the product
label or in the uncured properties section. Mix approximately 15 seconds after a
uniform color is obtained.
3. For maximum bond strength apply product evenly to both surfaces to be joined.
4. Application to the substrates should be made within 8 minutes. Larger quantities
and/or higher temperatures will reduce this working time.
5. Join the adhesive coated surfaces and allow to cure at 60°F (16°C) or above until
completely firm. Heat up to 200°F (93°C), will speed curing. These products will
fully cure in 48 hours @ 75°F (24°C).
6. Keep parts from moving during cure. Contact pressure necessary. Maximum shear
strength is obtained with a 3-5 mil bond line.
7. Excess uncured adhesive can be cleaned up with ketone type solvents.*
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.
Adhesive Coverage: A 0.005 in. thick bondline will typically yield a coverage of
320 sq. ft./gallon.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com