Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP110 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP110
Description  Scotch-WeldTM Epoxy Adhesive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP110 Datasheet(HTML) 2 Page - 3M Electronics

  DP110 Datasheet HTML 1Page - 3M Electronics DP110 Datasheet HTML 2Page - 3M Electronics DP110 Datasheet HTML 3Page - 3M Electronics DP110 Datasheet HTML 4Page - 3M Electronics DP110 Datasheet HTML 5Page - 3M Electronics DP110 Datasheet HTML 6Page - 3M Electronics DP110 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
- 2 -
3M™ Scotch-Weld™
Epoxy Adhesives
DP110 Translucent and Gray
Typical Cured
Thermal Properties
Typical Cured
Electrical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M™ Scotch-Weld™
Epoxy Adhesive
DP110 Translucent
3
M™ Scotch-Weld™
Epoxy Adhesive
DP110 Gray
Thermal Conductivity
BTU/Hr/Ft2/°F/Ft.
.106 @ 113°F (45°C)
.104 @ 113°F (45°C)
Thermal Coefficient of Expansion
-58°F (-50°C) - 32°F (0°C)
-58°F (-50°C) - 166°F (110°C)
80 x 10-6
200 x 10-6
73 x 10-6
165 x 10-6
Glass Transition Temp.
55°F (13°C)
61°F (16°C)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M Scotch-Weld
Epoxy Adhesive
DP110 Translucent
3M Scotch-Weld
Epoxy Adhesive
DP110 Gray
Dielectric Strength (volts/mil)
520
470
Volume Resistivity (ohms - cm)
4.5 x 1010
6.9 x 1010
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
The following product performance data was obtained in the 3M laboratory under
the conditions specified. The following data show typical results obtained with
Scotch-Weld epoxy adhesive DP110 Translucent and Gray when applied to
properly prepared substrates and cured for 48 hours at 73°F (23°C) under 2 psi
pressure and tested according to the specifications indicated.
Note: All data developed after a 48 hour cure @ 75°F (24°C) under 2 psi pressure
unless noted otherwise.
A. Aluminum Overlap Shear
Overlap shear strength was measured on FPL etched 1 in. wide by 1/2 in. overlap
specimens. The bonds were made from 2 panels of 4 in. x 7 in. x .063 in., 2024 T3
clad aluminum bonded together and cut into 1 in. wide specimens. The separation
rate of the testing jaws was .1 in./minute. Tests similar to ASTM D-1002.
Test Temp
3M Scotch-Weld
Epoxy Adhesive
DP110 Translucent
3M Scotch-Weld
Epoxy Adhesive
DP110 Gray
-67°F (-55°C)
2500 psi
2700 psi
75°F (24°C)
2500 psi
3500 psi
160°F (71°C)
270 psi
270 psi
180°F (82°C)
200 psi
250 psi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com