Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 9 Page - Texas Instruments

Part # 5000
Description  Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments 5000 Datasheet HTML 10Page - Texas Instruments 5000 Datasheet HTML 11Page - Texas Instruments 5000 Datasheet HTML 12Page - Texas Instruments 5000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
www.ti.com
Functional Description
9
SPMU365C – March 2014 – Revised October 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Hardware Description
2.1.6 BoosterPacks and Headers
2.1.6.1
BoosterPack 1
The Connected LaunchPad features two fully independent BoosterPack XL connectors. BoosterPack 1, located around the ICDI portion of the
board, is fully compliant with the BoosterPack standard with the single exception of GPIO pin PA6 (X8-16), which does not provide analog
capability. PA6 is located near the bottom of the inner left BoosterPack XL header.
I2C is provided in both the original BoosterPack standard configuration as well as the updated standard location. Use of I2C on the bottom left of
the BoosterPack connections per the updated standard is highly encouraged whenever possible.
Motion control advanced PWM connections are provided on the inner right connector for motion control applications.
Table 2-1 provides a complete listing of the BoosterPack pins and the GPIO alternate functions available on each pin. The TM4C1294NCPDTI
GPIO register GPIOPCTL values are shown for each configuration. The headers in this table are labeled from left to right in ten pin columns. ‘A’
and ‘D’ make up the outer BoosterPack standard pins, ‘B’ and ‘C’ make up the inner BoosterPack XL standard pins.
Table 2-1. BoosterPack 1 GPIO and Signal Muxing
Header
Pin
Standard
Function
GPIO
MCU
Pin
Analog
Digital Function (GPIOPCTL Bit Encoding)
1
2
3
5
6
7
8
11
13
14
15
A1
1
+3.3 volts
3.3V
A1
2
Analog
PE4
123
AIN9
U1RI
-
-
-
-
-
-
-
-
-
SSI1XDAT0
A1
3
UART RX
PC4
25
C1-
U7Rx
-
-
-
-
-
-
-
-
-
EPI0S7
A1
4
UART TX
PC5
24
C1+
U7Tx
-
-
-
-
RTCCLK
-
-
-
-
EPI0S6
A1
5
GPIO
PC6
23
C0+
U5Rx
-
-
-
-
-
-
-
-
-
EPI0S5
A1
6
Analog
PE5
124
AIN8
-
-
-
-
-
-
-
-
-
-
SSIXDAT1
A1
7
SPI CLK
PD3
4
AIN12
-
I2C8SDA
T1CCP1
-
-
-
-
-
-
-
SSI2CLk
A1
8
GPIO
PC7
22
C0-
U5Tx
-
-
-
-
-
-
-
-
-
EPI0S4
A1
9
I2C SCL
PB2
91
-
-
I2C0SCL
T5CCP0
-
-
-
-
-
-
USB0STP
EPI0S27
A1
10
I2C SDA
PB3
92
-
-
I2C0SDA
T5CCP1
-
-
-
-
-
-
USB0CLK
EPI0S28
B1
1
+5 volts
5V
B1
2
ground
GND
B1
3
Analog
PE0
15
AIN3
U1RTS
-
-
-
-
-
-
-
-
-
-
B1
4
Analog
PE1
14
AIN2
U1DSR
-
-
-
-
-
-
-
-
-
-
B1
5
Analog
PE2
13
AIN1
U1DCD
-
-
-
-
-
-
-
-
-
-
B1
6
Analog
PE3
12
AIN0
U1DTR
-
-
-
-
-
-
-
-
-
-
B1
7
Analog
PD7
128
AIN4
U2CTS
-
T4CCP1
USB0PFLT
-
-
NMI
-
-
-
SSI2XDAT2
B1
8
Analog
PA6
40
-
U2Rx
I2C6SCL
T3CCP0
USB0EPEN
-
-
-
-
SSI0XDAT2
-
EPI0S8
B1
9
A out
PM4
74
TMPR3
U0CTS
-
T4CCP0
-
-
-
-
-
-
-
-
B1
10
A out
PM5
73
TMPR2
U0DCD
-
T4CCP1
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com