Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 29 Page - Texas Instruments

Part # 5000
Description  Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5000 Datasheet(HTML) 29 Page - Texas Instruments

Back Button 5000 Datasheet HTML 25Page - Texas Instruments 5000 Datasheet HTML 26Page - Texas Instruments 5000 Datasheet HTML 27Page - Texas Instruments 5000 Datasheet HTML 28Page - Texas Instruments 5000 Datasheet HTML 29Page - Texas Instruments 5000 Datasheet HTML 30Page - Texas Instruments 5000 Datasheet HTML 31Page - Texas Instruments 5000 Datasheet HTML 32Page - Texas Instruments 5000 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
www.ti.com
Bill of Materials
29
SPMU365C – March 2014 – Revised October 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
References, PCB Layout, and Bill of Materials
Table 4-1. Connected LaunchPad Bill of Materials (continued)
Item
Ref
Qty
Description
Mfg
Part Number
PCB Do Not Populate List (Shown for information only)
43
C2
1
Capacitor, 0.1uF 16V,
10%, 0402 X7R
Taiyo Yuden
EMK105B7104KV-F
44
H1, H4, H6
3
Screw, #4 x 0.625" Pan
Head, Sheet Metal,
Phillips/Slotted
(for fan)
McMaster
90077A112
45
R12, R13, R14
3
Resistor, 5.6k ohm,
1/10W, 5%, 0402
Panasonic
ERJ-2GEJ562X
46
R48
1
Resistor 0402 1% 52.3k
Rohm
TRR01MZPF5232
47
TP1, TP2, TP3, TP4, TP5,
TP6, TP7, TP8, TP9,
TP10, TP11, TP12, TP13,
TP14, TP15, TP16, TP17
17
Terminal, Test Point Miniature
Loop, Red, T-Hole
Keystone
5000
48
X1
1
Header, 2x7, 0.100, T-Hole,
Vertical, Unshrouded, 0.230
Mate
FCI
67997-114HLF
49
X11A
1
Valvano style bread board
connect. Right Angle
extended, 1 x 49 0.100 pitch.
Samtec
TSW-149-09-F-S-RE
50
X11B
1
valvano style breadboard
header.
Samtec
TSW-149-08-F-S-RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com