Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 17 Page - Texas Instruments

Part # 5000
Description  Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5000 Datasheet(HTML) 17 Page - Texas Instruments

Back Button 5000 Datasheet HTML 13Page - Texas Instruments 5000 Datasheet HTML 14Page - Texas Instruments 5000 Datasheet HTML 15Page - Texas Instruments 5000 Datasheet HTML 16Page - Texas Instruments 5000 Datasheet HTML 17Page - Texas Instruments 5000 Datasheet HTML 18Page - Texas Instruments 5000 Datasheet HTML 19Page - Texas Instruments 5000 Datasheet HTML 20Page - Texas Instruments 5000 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
www.ti.com
Functional Description
17
SPMU365C – March 2014 – Revised October 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Hardware Description
Table 2-3. X11 Breadboard Adapter Odd-Numbered Pad GPIO and Signal Muxing (continued)
Pin
Port
MCU
PIN
Analog
Digital Function (GPIOPCTL Bit Encoding)
1
2
3
5
6
7
8
11
13
14
15
67
PB2
91
-
-
I2C0SCL
T5CCP0
-
-
-
-
-
-
USB0STP
EPI0S27
69
PB3
92
-
-
I2C0SDA
T5CCP1
-
-
-
-
-
-
USB0CLK
EPI0S28
71
PP2
103
-
U0DTR
-
-
-
-
-
-
-
-
USB0NXT
EPI0S29
73
PP3
104
-
U1CTS
U0DCD
-
-
-
RTCCLK
-
-
-
USB0DIR
EPI0S30
75
PK5
62
-
-
I2C3SDA
-
EN0LED2
M0PWM7
-
-
-
-
-
EPI0S31
77
PK4
63
-
-
I2C3SCL
-
EN0LED0
M0PWM6
-
-
-
-
-
EPI0S32
79
PL5
86
-
-
-
T0CCP1
-
-
-
-
-
-
USB0D5
EPI0S33
81
PN4
111
-
U1DTR
U3RTS
I2C2SDA
-
-
-
-
-
-
-
EPI0S34
83
PN5
112
-
U1RI
U3CTS
I2C2SCL
-
-
-
-
-
-
-
EPI0S35
85
PN0
107
-
U1RTS
-
-
-
-
-
-
-
-
-
-
87
PN1
108
-
U1CTS
-
-
-
-
-
-
-
-
-
-
89
PN2
109
-
U1DCD
U2RTS
-
-
-
-
-
-
-
-
EPI0S29
91
PN3
110
-
U1DSR
U2CTS
-
-
-
-
-
-
-
-
EPI0S30
93
PQ4
102
-
U1Rx
-
-
-
-
-
DIVSCLK
-
-
-
-
95
WAKE
97
5V
Table 2-4. X11 Breadboard Adapter Even-Numbered Pad GPIO and Signal Muxing
Pin
Port
MCU
PIN
Analog
Digital Function (GPIOPCTL Bit Encoding)
1
2
3
5
6
7
8
11
13
14
15
2
5V
4
GND
6
PA2
35
-
U4Rx
I2C8SCL
T1CCP0
-
-
-
-
-
-
-
SSI0Clk
8
PA3
36
-
U4Tx
I2C8SDA
T1CCP1
-
-
-
-
-
-
-
SSI0Fss
10
PA4
37
-
U3Rx
I2C7SCL
T2CCP0
-
-
-
-
-
-
-
SSI0XDAT0
12
PA5
38
-
U3Tx
I2C7SDA
T2CCP1
-
-
-
-
-
-
-
SSI0XDAT1
14
PE0
15
AIN3
U1RTS
-
-
-
-
-
-
-
-
-
-
16
PE1
14
AIN2
U1DSR
-
-
-
-
-
-
-
-
-
-
18
PE2
13
AIN1
U1DCD
-
-
-
-
-
-
-
-
-
-
20
PE3
12
AIN0
U1DTR
-
-
-
-
-
-
-
-
-
-
22
PE4
123
AIN9
U1RI
-
-
-
-
-
-
-
-
-
SSI1XDAT0
24
PE5
124
AIN8
-
-
-
-
-
-
-
-
-
-
SSI1XDAT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com