Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 28 Page - Texas Instruments

Part # 5000
Description  Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5000 Datasheet(HTML) 28 Page - Texas Instruments

Back Button 5000 Datasheet HTML 24Page - Texas Instruments 5000 Datasheet HTML 25Page - Texas Instruments 5000 Datasheet HTML 26Page - Texas Instruments 5000 Datasheet HTML 27Page - Texas Instruments 5000 Datasheet HTML 28Page - Texas Instruments 5000 Datasheet HTML 29Page - Texas Instruments 5000 Datasheet HTML 30Page - Texas Instruments 5000 Datasheet HTML 31Page - Texas Instruments 5000 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Bill of Materials
www.ti.com
28
SPMU365C – March 2014 – Revised October 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
References, PCB Layout, and Bill of Materials
Table 4-1. Connected LaunchPad Bill of Materials (continued)
Item
Ref
Qty
Description
Mfg
Part Number
22
R42
1
Resistor, 1M Ohm,
1/10W, 5%, 0402
Rohm
MCR01MRTF1004
23
R47
1
RES 1M OHM 5% 1206 TF
Panasonic
ERJ-8GEYJ105V
24
R49, R50
2
Resistor, 2.0k ohm,
1/10W, 5%, 0402
Panasonic
ERJ-3GEYJ202V
25
R6, R7, R8, R10, R11,
R15, R16, R19, R20, R39,
R40, R41
12
Resistor, 0 ohm,
1/10W, 5%, 0402
Panasonic
ERJ-2GE0R00X
26
R9, R27, R30, R31, R33
5
Resistor, 330 ohm,
1/10W, 5%, 0402
Yageo
RC0402FR-07330RL
27
RESET, USR_SW1,
USR_SW2, WAKE
4
Switch, Tact 6mm SMT,
160gf
Omron
B3S-1000
28
U1
1
Tiva, MCU TM4C1294NCPDT
128 QFP with Ethernet MAC
+ PHY
Texas Instruments
TM4C1294NCPDT
Texas Instruments
XM4C1294NCPDT
29
U10
1
Transformer, ethernet, 1 to 1.
SOIC 16
Pulse Electronics
HX1198FNL
30
U13
1
Diode, 8 chan, +/-15KV, ESD
Protection Array, SO-8
Semtech
SLVU2.8-4.TBT
31
U14
1
Connector, RJ45 NO MAG,
shielded THRU HOLE
TE Connectivity
1-406541-5
32
U2, U3
2
IC 4CH ESD SOLUTION
W/CLAMP 6SON
Texas Instruments
TPD4S012DRYR
33
U20
1
Stellaris TIVA MCU
TM4C123GH6PMI
Texas Instruments
TM4C123GH6PMI
34
U22
1
USB Micro B receptacle
right angle with guides
FCI
10118194-0001LF
35
U4
1
Fault protected power switch,
dual channel, 8-SON
Texas Instruments
TPS2052BDRBR
36
U5
1
3.3V LDO TI TPS73733DRV
fixed out 5V in
Texas Instruments
TPS73733DRV
37
U6
1
Header 2x5, 0.050, SM,
Vertical Shrouded
Samtec
SHF-105-01-S-D-SM
Don Connex
Electronics
C44-10BSA1-G
38
U7
1
USB Micro AB receptacle.
Right angle with through
guides
Hirose
ZX62D-AB-5P8
39
X6, X7, X8, X9
4
Header, 2x10, T-Hole Vertical
unshrouded stacking
Samtec
SSW-110-23-S-D
Major League
Electronics
SSHQ-110-D-08-F-LF
40
Y1
1
Crystal 25 MHz 3.2 x 2.5 mm
NDK
nx3225ga-25.000m-std-crg-2
41
Y2
1
Crystal 16 MHz 3.2 x 2.5 mm
4 pin
NDK
NX3225GA-16.000M-STD-CRG-2
42
Y3
1
Crystal, 32.768 KHz Radial
Can
Citizen Finetech
Miyota
CMR200T-32.768KDZY-UT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com