Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 27 Page - Texas Instruments

Part # 5000
Description  Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5000 Datasheet(HTML) 27 Page - Texas Instruments

Back Button 5000 Datasheet HTML 23Page - Texas Instruments 5000 Datasheet HTML 24Page - Texas Instruments 5000 Datasheet HTML 25Page - Texas Instruments 5000 Datasheet HTML 26Page - Texas Instruments 5000 Datasheet HTML 27Page - Texas Instruments 5000 Datasheet HTML 28Page - Texas Instruments 5000 Datasheet HTML 29Page - Texas Instruments 5000 Datasheet HTML 30Page - Texas Instruments 5000 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
www.ti.com
Bill of Materials
27
SPMU365C – March 2014 – Revised October 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
References, PCB Layout, and Bill of Materials
4.3
Bill of Materials
Table 4-1 is the Connected LaunchPad bill of materials list.
Table 4-1. Connected LaunchPad Bill of Materials
Item
Ref
Qty
Description
Mfg
Part Number
1
C1
1
Capacitor, 1000pF, 2kV,
20%, X7R, 1210
Kemet
C1210C102MGRACTU
2
C3, C4, C5, C10, C11, C12,
C13, C16, C17, C18, C19,
C21, C22, C23, C24, C25,
C26, C27, C28, C29, C30,
C40, C41, C42, C43, C46
26
Capacitor, 0.1uF 16V,
10%,0402 X7R
Taiyo Yuden
EMK105B7104KV-F
3
C31
1
Capacitor, 4700pF, 2kV,
10%,X7R, 1812
AVX
1812GC472KAT1A
4
C32, C33
2
Capacitor, 3300pF, 50V,
10%, X7R, 0603
TDK
C1608X7R1H332K
5
C6, C14
2
Capacitor, 1uF , X5R, 10V,
Low ESR, 0402
Johanson
Dielectrics Inc
100R07X105KV4T
6
C7, C15, C20
3
Capacitor, 2.2uF, 16V,
10%, 0603, X5R
Murata
GRM188R61C225KE15D
7
C8, C9, C44,
C45, C47, C48
6
Capacitor, 12pF, 50V,
5%, 0402, COG
Murata
GRM1555C1H120JZ01D
8
D0, D1, D2, D3, D4
5
Green LED 0603
Everlight
19-217/G7C-AL1M2B/3T
9
J1, J2, J3,
J4, J5, J6, J7
7
Jumper, 0.100, Gold,
Black, Open
3M
969102-0000-DA
Kobiconn
151-8000-E
10
JP1
1
Header, 2x3, 0.100, T-Hole,
Vertical Unshrouded,
0.230 Mate, gold
FCI
67996-206HLF
11
JP2, JP3
2
Header, 1x2, 0.100, T-Hole,
Vertical Unshrouded, 0.220
Mate
3M
961102-6404-AR
FCI
68001-102HLF
Anyone
1x2-head
12
JP4, JP5
2
Header, 2x2, 0.100, T-Hole,
Vertical Unshrouded, 0.230
Mate
FCI
67997-104HLF
4UCON
00998
13
R1, R2, R3, R4,
R5, R29, R35, R44
8
Resistor, 10k ohm, 1/10W,
5%, 0402 Thick Film
Yageo
RC0402FR-0710KL
14
R17, R26, R36
3
100k 5% 0402 resistor smd
Rohm
MCR01MRTJ104
15
R18, R51
2
Resistor 0402 100 ohm 5%
Rohm
MCR1MRTJ101
16
R23, R21, R22, R24
4
Resistor 49.9 ohm 0402. 1 %
Rohm
MCR01MRTF49R9
17
R25
1
Resistor 4.87k 1% 0402 smd
Rohm
MCR01MRTF4871
18
R28
1
Resistor, 5.6k ohm,
1/10W, 5%, 0402
Panasonic
ERJ-2GEJ562X
19
R32, R43, R45, R46
4
resistor 75 ohm 0402 5%
Rohm
MCR01MRTJ750
20
R34, R52
2
Resistor, 1M OH,
1/10W, 5% 0603 SMD
Panasonic
ERJ-3GEYJ105V
21
R38
1
Resistor, 51 ohm,
1/10W, 5%, 0402
Panasonic
ERJ-2GEJ510X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com