Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78070 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP78070
Description  800mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78070 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP78070 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP78070-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
初步数据表
LP78070
应用说明
自适应充电控制
LP78070内部集成了充电电流自适应功能,当适配器
输出电流能力小于800mA或者输入线材内阻较大时,
芯片通过检测输入电压,自动调整充电电流。该功能
使得充电输入端电压不低于4.4V。
充电功能
如果充电之前锂离子电池电压低于1.9V,为了保护电
池,LP78070工作在涓流充电模式,此时充电电流为
正常设定电流的3/10;当电池电压达到1.9V以后,
LP78070进入恒流充电模式,以800mA电流给电池充
电;当电池电压达到4.2V后,LP78070工作在恒压充
电模式,此时输出电压恒定,充电电流随着电池电压
升高而减小,当充电电流小于3/10C时,充电状态灯跳
转,充满灯亮。
恒温充电控制
LP78070内部集成了温度-电流控制环路,充电时,管
壳温度升高到130℃时,充电电流会减小,从而降低系
统功耗,减小温升,从而保证芯片在合适的温度工作。
边充边放功能
LP78070A支持边充边放功能,在充电时,风扇可以工
作在1/2/3挡;在只有USB输入且未电池的情况下,因
风机工作电流波动较大,VBAT端需要加电解电容来稳
定电压,避免VBAT端电压被拉低至欠压保护点以下。
电池低压保护
启动时,当BAT电压大于3.0V时,按键或负载接入后升
压电路开始工作,工作过程中如果电池电压低于3.05V,
则LED1会以1HZ频率快闪提醒电量较低,当电池电压
低于2.9V,则放电输出关闭,所有逻辑复位,LP78070
进入低电流待机模式,待机电流小于15uA。
过温保护
在充电或放电时,如果芯片温度升高到150℃,则芯片
停止工作以保护芯片以及锂离子电池,等到温度降低到
130℃后再自动恢复工作。
手电筒功能
V2/V3端可以驱动LED灯用于手电筒照明,最大驱动电
流为20mA,,如果单按SW2键4次,手电筒打开,开启
之后再单按SW2键手电筒输出关闭。
按键及输出电压说明
LP78070集成了3挡风量可调的风扇控制驱动电路,对
应指示灯为LED1~LED3;没有充电器接入时,按键
SW2控制风量的切换和手电筒的开关,单按一次风量
改变一挡,风量由弱至强变化。VOUT端输出电压分别
为一挡3.7V,二挡5.5V,三挡7.5V;单按SW1会将所
有逻辑清空并复位。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com