Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78070 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP78070
Description  800mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78070 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP78070 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP78070-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
初步数据表
LP78070
应用原理图
VIN
STAT
FULL
LED1
LED3
LED2
WLED
SW1
Reset
R3
20K
C1
C2
C3
L1
4.7uH
D1
SS32
C4
SW2
Set
VIN
VOUT
BATT
LP78070
1
V1
2
V2
3
V3
GND
9
DR
5
FB
6
LX
7
BAT
8
10uF
R1
65K
4
R2
10K
10uF
470uF
(option)
三挡对应VOUT:4.5V/6.8V/9V
-
+
M
10uF
VOUT=[1+(R1/R2)]×VFB
三挡对应 VFB 为:0.6V,0.9V,1.2V
极限参数
VIN、BAT至GND ----------------------------------------------------------------------- -0.3V~+7V
SW至GND ----------------------------------------------------------------------------- -0.3V~+12V
FB至GND ------------------------------------------------------------------------------- -0.3V~+7V
DR至GND ----------------------------------------------------------------------------- -0.3V~+12V
最高结温 --------------------------------------------------------------------------------------- 125°C
最大焊接温度(引线处,10秒)---------------------------------------------------------------- 260°C
存储温度 ------------------------------------------------------------------------------- -55℃~150°C
ESD 系数
人体模型(HBM) ------------------------------------------------------------------------------------------------------ 2KV
机械模型(MM) ------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com