Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78070 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78070
Description  800mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78070 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78070 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP78070-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
初步数据表
LP78070
引脚信息
封装类型
引脚信息
ESOP-8
1
2
3
4
8
7
6
5
VIN
V1
V2
V3
BAT
LX
FB
DR
GND
9(PAD)
ESOP-8
(Top View)
序号
名称
描述
1
VIN
充电输入端
2
V1
LED 及按键控制端 1
3
V2
LED 及按键控制端 2
4
V3
LED 显示接口
5
DR
风扇负端控制接口
6
FB
升压输出电压反馈端
7
LX
升压 NMOS 漏极
8
BAT
锂电池输出正端
9(PAD)
GND
地和热焊盘



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com