Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78070 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP78070
Description  800mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78070 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP78070 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP78070-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
初步数据表
LP78070
LED 显示状态
充电部分(STAT/FULL)
工作状态
STAT
FULL
只接适配器
闪烁
闪烁
只接电池
灭
灭
接适配器和未满电电池
亮
灭
接适配器和满电电池
灭
亮
挡位及手电部分(LED1/LED2/LED3/WLED)
工作状态
LED1/2/3
WLED
待机
灭
灭
风机工作,电池电量达到低电量提
示
对应挡位灯 1Hz 闪烁
灭
风机工作,电池电量未达到低电量
提示,或只接适配器
对应挡位灯常亮
灭
手电
灭
亮



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com