Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78070 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78070
Description  800mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78070 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78070 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78070 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP78070-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
初步数据表
LP78070
锂电池小风扇的驱动芯片
芯片介绍
LP78070(ESOP-8)是一颗专用于便携式锂电池小风
扇的驱动芯片,芯片集成锂电池充电管理、DC-DC 升
压、手电筒照明、风量显示及低电提醒、按键换挡、过
流保护、短路保护等功能。
标示信息
LP78070
F: 无铅
封装类型
SP: ESOP-8
应用范围
便携式锂电池风扇
特点
800mA锂电池充电,充电电流自适应
高效率DC-DC升压
输出电压外部电阻可调
3挡风量可调,3段式风量指示,2颗LED充电指示
内置手电筒驱动,全部内置电阻
低待机功耗<15uA
支持双按键控制
外围简单
具有过流保护,短路保护,过温保护
封装形式:ESOP-8
丝印及包装信息
型号
丝印
封装
包装
LP78070
LPS
LP78070
YWX
ESOP-8
4K/包
丝印标示:
Y:生产年份 W:生产周 X:批次号


Similar Part No. - LP78070

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78070F POWER-LP78070F Datasheet
569Kb / 8P
800mA
More results

Similar Description - LP78070

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
800mA LDO REGULATOR????
Rev. 1.10
logo
Analog Microelectronics
AME8847 AME-AME8847 Datasheet
169Kb / 12P
800mA CMOS LDO
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
800mA CMOS LDO
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Unisonic Technologies
L1188 UTC-L1188_12 Datasheet
160Kb / 4P
800mA CMOS LDO
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
800MA LDO REGULATOR
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
800mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
800mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP78070F POWER-LP78070F Datasheet
569Kb / 8P
800mA
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com