Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073A Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP78073A
Description  1A Charge 2.7A Synchronous Boost PMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073A Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP78073A Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 9Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP78073A-01
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP78073A
Application Information
The LP78073A is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It can
deliver up to 1000mA of charge current (using a good thermal
PCB layout) with a final float voltage accuracy of ±1%. The
LP78073A includes an internal P-channel power MOSFET
and thermal regulation circuitry. No blocking diode or external
current sense resistor is required; thus, the basic charger
circuit requires only two external components. Furthermore,
the LP78073A is capable of operating from a USB power
source.
For boost function, LP78073Awill stay in PSM(Pulse Skipping
Modulation) mode when there is a light load. This could
reduce unnecessary dissipation to promote efficiency. When
the load grow to a certain level the boost circuit would turn to
PWM mode gradually.
Normal Charge Cycle
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level and a 1% ISET ram resistor
is connected from the ISET pin to ground or when a battery is
connected to the charger output. If the BAT pin is less than
2.9V, the charger enters trickle charge mode. In this mode,
the LP78073A supplies approximately 1/10 the ISET rammed
charge current to bring the battery voltage up to a safe level
for full current charging.
When the BAT pin voltage rises above 2.9V, the charger
enters constant-current mode, where the ISET rammed
charge current is supplied to the battery. When the BAT pin
approaches the final float voltage (4.2V), the LP78073A
enters constant-voltage mode and the charge current begins
to decrease. When the charge current drops to 1/10 of the
ISET rammed value, the charge cycle ends.
ISET ramming Charge Current
The charge current is ISET rammed using a single resistor
from the ISET pin to ground. The battery charge current is 500
times the current out of the ISET pin. The ISET ram resistor
and the charge current are calculated using the following
equations:
LP78073A:
RSET=1000V/ICHG,ICHG= 1000V/RSET
The charge current out of the BAT pin can be determined at
any time by monitoring the ISET pin voltage using the
following equation:
IBAT= VSET x 500/RSET
Note: Vset is 2Volts.
Charge Termination
When charging, transient loads on the BAT pin can cause the
ISET pin to fall below 200mV for short periods of time before
the DC charge current has dropped to 1/10th the ISET
rammed value. The 1ms filter time (t
TERM) on the termination
comparator ensures that transient loads of this nature do not
result in premature charge cycle termination. Once the
average charge current drops below 1/10th the ISET rammed
value, the LP78073A terminates the charge cycle and ceases
to provide any current through the BAT pin. In this state, all
loads on the BAT pin must be supplied by the battery.
The LP78073A constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V recharge
threshold (V
RESTAT), another charge cycle begins and current
is once again supplied to the battery. To manually restart a
charge cycle when in standby mode, the input voltage must
be removed and reapplied, or the charger must be shut down
and restarted using the ISET pin.
Charge Status Indicator (STAT)
The charge status output has two different states: strong
pull-down (~10mA) and high impedance. The strong
pull-down state indicates that the LP78073A is in a charge
cycle. Once the charge cycle has terminated, the pin state is
determined by under voltage lockout conditions. High
impedance indicates that the LP78073A is in under voltage
lockout mode: either VIN is less than 100mV above the BAT
pin voltage or insufficient voltage is applied to the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com