Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073A Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP78073A
Description  1A Charge 2.7A Synchronous Boost PMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073A Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP78073A Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP78073A-01
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP78073A
Function Block Diagram
2
6
TA
145℃
TDIE
CA
MA
VA
C1
C2
C3
REF
1.22V
CHRG_B
SHDN
TO BAT
2.9V
VCC
3μA
R3
1V
R4
0.1V
R5
ISET
R2
R1
BAT
VCC
5μA
1200X
1X
+
+
+
+
+
+
-
-
-
-
-
-
EN
EN
FB
REF
VOUT
LX
VHIGH
SLOPE
COMPENSATION
CURRENT
SENSE
CURRENT
LIMIT
INTERNAL
COMPENSATION
CONTROL
LOGIC
OSC
BODY AND VHIGH
SELECT
ZCD
+
+
-
-
5
GND
1
2
3
4
9
VIN
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com