Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78073A
Description  1A Charge 2.7A Synchronous Boost PMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78073A Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP78073A-01
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP78073A
Functional Pin Description
Package Type
Pin Configurations
ESOP-8
FB
BAT
VOUT
EN
ISET
CHRG_B
LX
VIN
1
2
3
4
5
6
7
8
9
GND
Pin Description
PIN
NAME
DESCRIPTION
1
FB
Boost Feedback pin. The pin voltage is 0.8V.
2
LX
Boost Output switching node. SW is the drain of the internal low-side N-Channel MOSFET and high-side
P-Channel MOSFET. Connect the inductor to SW to Complete the step-up converter.
3
CHRG_B
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an internal
N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.
4
ISET
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is programmed by
connecting a 1% resistor(R
PROG)to ground. When charging in constant-current mode, this pin servos to 2V. In all
modes, the voltage on this pin can be used to measure the charge current using the following formula.LP78073A:
Iset=1000/RPROG.
5
Vin
VIN is the input power source. Connect to a wall adapter.
6
BAT
BAT is the connection to the battery. A 10µF capacitor is needed at least.
7
VOUT
Output voltage pin.
8
EN
Boost enable pin. Active High.
9
GND
Ground Pin.
Application Circuit
BAT
CHRG_B
VOUT
VIN
GND
ISET
Rset
Cin
10uF
Cbat
10uF
LP78073A
LX
EN
2.2uH
FB
Cout
10uF
R1
68K
R2
13K
Vout
Battery
VIN
1K
LED
ON
OFF
10Ω
2.2nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com