Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78073A
Description  1A Charge 2.7A Synchronous Boost PMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78073A Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP78073A-01
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP78073A
1A Charge+ 2.7A Synchronous Boost PMIC
General Description
The LP78073A is a PMIC,which has 1ch Charger and 1ch
Synchronous Boost Converter with ESOP-8 package.
Its charger is a complete constant-current constant voltage
linear charger for single cell lithium-ion batteries. Furthermore,
the LP78073A is specifically designed to work within USB
power specifications. No external sense resistor is needed, and
no blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be ISET rammed externally with a single
resistor. The charger automatically terminates the charge cycle
when the charge current drops to 1/10th the ISET rammed
value after the final float voltage is reached. When the input
supply (wall adapter or USB supply) is removed, the LP78073A
automatically enters a low current state, dropping the battery
drain current to less than 8µA.
Other features include charge current monitor, under voltage
lockout, automatic recharge and a status pin to indicate charge
termination and the presence of an input voltage.
Boost converter is Synchronous current mode boost DC-DC
converter. Its PWM circuitry with built-in 2.7A Current power
MOSFET makes this converter highly power efficiently.
Selectable high switching frequency allows faster loop
response and easy filtering with a low noise output. The
non-inverting input and its error amplifier is connected to an
internal 800mV precision reference voltage.
Order Information
LP78073A □ □ □
F: Pb-Free
Package Type
SP: ESOP-8
Features
Charger:
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
8µA Supply Current in Shutdown
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Boost:
5V/1.2A Output Current @ Vin=3.3V
1MHz fixed frequency switching
High Switch On Current: 2.7A
Low RDS(ON) Integrated Power Mosfet
Efficiency is 95%
Built-in OTP, OCP, Soft-Star
Consumption Available in ESOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
MID/Pad
Power Bank
Smart Phone
Bluetooth Applications
Marking Information
Device
Marking
Package
Shipping
LP78073ASPF
SP:ESOP-8
2.5K/REEL


Similar Part No. - LP78073A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78073 POWER-LP78073 Datasheet
371Kb / 9P
Fixed Charge Current 700mA
More results

Similar Description - LP78073A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
logo
Linear Technology
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Linear Technology
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
ETA SOLUTIONS CO. LIMIT...
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com