Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP78073A
Description  1A Charge 2.7A Synchronous Boost PMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP78073A Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP78073A-01
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP78073A
Absolute Maximum Ratings
Note 1
Input and LX Voltage to GND ---------------------------------------------------------------------------- -0.3V to 6.5V
Output Voltage to GND --------------------------------------------------------------------------------------- -0.3V to 6V
Other Pin to GND ----------------------------------------------------------------------------------------------- -0.3V to 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
BAT Short-Circuit Duration ----------------------------------------------------------------------------------- Continuous
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (ESOP-8, PD,TA=25°C) --------------------------------------------------------- 2W
Thermal Resistance (ESOP-8, JA) ----------------------------------------------------------------------------- 50℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com