Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3102 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3102
Description  Dual Channel Charge Pump Power Solution For TFT LCD Panel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3102 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3102 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP3102-02
Jun. 2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Preliminary Datasheet
LP3102
Application Information
The LP3102 offers dual channel output voltage for
powering on specified power in TFT LCD panels.
The device integrates a positive charge pump and a
negative charge pump.
Enable Control (EN) to turn on the LP3102, the EN
pin must be at logic high. When the EN pin is pulled
to a logic low, the device is disabled and the supply
current reduces to less than 1μA.
VIN
EN
VP
C1P
C1N
C2P
C2N
GND
Co
Cin
VIN
Positive
Output
Enable
&
Clock
&
Logical
Control
Chip
Enable
Figure 1. Positive Charge Pump Functional Block Diagram
The LP3102 positive charge pump provides an
output voltage VP of 1.5x or 2x the input voltage. The
positive charge pump uses two external flying
capacitors to generate the required output voltage.
For the selected output to input ratio, the charge
pump will configure the internal switches to charge
the flying capacitors. Figure 1shows the functional
diagram of the positive charge pump.
Negative Charge Pump Controller
The negative charge pump uses one external flying
capacitor to generate an inverted negative voltage
that is –1x of VP. Figure 2 shows the functional block
diagram of the negative charge pump.
Figure 2. Negative Charge Pump Functional Block Diagram
LAYOUT CONSIDERATION
Use a ground plane for the LP3102 device that can
be connected to the device expose pad and ground
pin for optimal thermal characteristics.
Bypass Capacitors
Place VIN, VP, and VN bypass capacitors as close
as possible to the device pin. Keep the ground traces
from the bypass to the ground plane as short as
possible.
Flying Capacitors
Place the flying capacitors as close to the device pins
as possible to minimize trace noise since the flying
capacitors to the pins will generate high transient
voltage (dv/dt) switching signals



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com