Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3102 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3102
Description  Dual Channel Charge Pump Power Solution For TFT LCD Panel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3102 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3102 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP3102-02
Jun. 2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP3102
Functional Pin Description
Package Type
Pin Configurations
TDFN-10
C3P
VN
C1P
C1N
EN
C3N
VP
C2P
C2N
VIN
1
2
3
4
5
6
7
8
9
10
GND
11
Pin Description
Pin
Name
Description
1
C3P
Flying Capacitor 1 Positive Terminal (C6).
2
VN
Negative Output pin.
3
C1P
Flying Capacitor 1 Positive Terminal (C4).
4
C1N
Flying Capacitor 1 Negative Terminal (C4).
5
EN
Device Enable pin.
6
VIN
Input Supply Voltage. Bypass VIN with a low ESR ceramic capacitor to GND.
7
C2N
Flying Capacitor 1 Negative Terminal (C5).
8
C2P
Flying Capacitor 1 Positive Terminal (C5).
9
VP
Positive Output pin.
10
C3N
Flying Capacitor 1 Negative Terminal (C6).
11(Pad)
GND
Ground pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com