Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3102 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3102
Description  Dual Channel Charge Pump Power Solution For TFT LCD Panel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3102 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3102 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP3102-02
Jun. 2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP3102
Dual Channel Charge Pump Power Solution For TFT LCD Panel
General Description
The LP3102 DC/DC converter integrates two low
noise, high efficiency charge pumps for dual outputs,
which consist of one inverting output and a step-up
output. The device operates from 2.5V to 4.8V input,
and provides a step-up output voltage (VP) of 2x the
input voltage. The negative inverting output (VN) is -1x
inverted from the positive output VP.
The LP3102 is available in a small TDFN-10 pin
package that features a bottom side exposed thermal
pad to provide optimal heat dissipation. The small
package size and low external parts count make the
device ideally suitable for TFT LCD applications of
mobile products. The device is rated to operate from
-40℃ to +85℃ ambient temperature range.
Order Information
LP3102 □ □ □ □
F: Pb-Free
Package Type
QV: TDFN-10
Output Type
Default: 5.5V ~ 5.9V
Applications
Mobile Device, Smart Phone
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD Bias Power
Features
Ultra-Low-Noise for RF Application
2.5V to 4.8V Input Supply Voltage Range
Adaptive 1.5x / 2x mode switchover for positive
voltage and -1x mode for negative voltage
VP output range (VOUT ≦ 2x VIN):
5.5V to 5.9V (LP3102QVF)
VN output range (VOUT ≦ 2x VIN):
-5.5V to -5.9V (LP3102QVF)
High current output: Vin=3.3V, IOUT=±120mA;
Built in Power On Sequence
TDFN-10 (3.0mm × 3.0mm) Package
Typical Application Circuit
VIN
C1P
C1N
EN
GND
C3N
C3P
VN
C2N
C2P
VP
ON
OFF
VIN
Positive
Output
C2
C3
C1
C5
C6
C4
Negative
Output
LP3102
10uF
2.2uF
2.2uF
2.2uF
R0
100K
10uF
10uF
Marking Information
Device
Marking
Package
Shipping
LP3102QVF
LPS
LP3102QVF
YWX
TDFN-10
4K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP3102

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results

Similar Description - LP3102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
Charge Pump Regulator for Color TFT Panel
4/04-Changed from Rev. 0 to Rev. A
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
Charge Pump Regulator for Color TFT Panel
10/03-Data Sheet changed from REV. A to REV. B.
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
logo
uPI Group Inc.
UP6668 UPI-UP6668 Datasheet
774Kb / 19P
TFT-LCD TV Panel Power Solution
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com