Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3102 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3102
Description  Dual Channel Charge Pump Power Solution For TFT LCD Panel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3102 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3102 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP3102-02
Jun. 2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP3102
Electrical Characteristics
(VIN=VEN, C1=C2=C3=2.2uF, C4=C5 =C6=1uF, Typical values are TA=25℃ )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Input Voltage
VIN
2.5
4.8
V
Output Current
IOUT
Positive Output Current
120
mA
Negative Output Current
120
Positive Output Voltage
VP
LP3102QVF
5.5
5.9
V
Negative Output Voltage
VN
LP3102QVF
-5.9
-5.5
Shutdown Current
ISHDN
VEN=GND, VIN=3.6V
1
µA
Oscillator Frequency
fOSC
IVP=IVN=10mA
300
KHz
EN Logic Low
VLL
0.4
V
EN Logic High
VLH
1.4
V
EN Pin Current
IEN
0.5
µA
Thermal Shutdown Temperature
TSD
145
℃
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com