Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3102 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3102
Description  Dual Channel Charge Pump Power Solution For TFT LCD Panel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3102 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3102 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3102 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP3102-02
Jun. 2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP3102
Function Diagram
VIN
EN
C1P
C1N
VP
GND
Charge Pump
Logic
Control
Band Gap
OSC
C3P
C3N
VN
Charge Pump
C2P
C2N
Absolute Maximum Ratings
Input / Output Voltage to GND --------------------------------------------------------------------------------- -0.3V to 6V
EN to GND -------------------------------------------------------------------------------------------------------- -0.3V to VIN
Maximum Junction Temperature ------------------------------------------------------------------------------------ 150℃
Maximum Soldering Temperature (at leads, 10sec) ----------------------------------------------------------- 260℃
Storage Temperature Range ---------------------------------------------------------------------------- −65℃ to 165℃
Operation Ambient Temperature Range --------------------------------------------------------------- -40℃ to 85℃
Maximum Power Dissipation (PD, TA<40℃) --------------------------------------------------------------------- 1.5W
Thermal Resistance (JA) --------------------------------------------------------------------------------------------- 68℃/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com