Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R7
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  INMP441ACEZ-R7 Datasheet HTML 1Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 2Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 3Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 4Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 5Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 6Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 7Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
INMP441
Omnidirectional Microphone with Bottom Port and I2S Digital Output
GENERAL DESCRIPTION
The INMP441 is a high-performance, low power, digital-output,
omnidirectional MEMS microphone with a bottom port. The
complete INMP441 solution consists of a MEMS sensor, signal
conditioning, an analog-to-digital converter, anti-aliasing filters,
power management, and an industry-standard 24-bit I²S interface.
The I²S interface allows the INMP441 to connect directly to digital
processors, such as DSPs and microcontrollers, without the need
for an audio codec in the system.
The INMP441 has a high SNR, making it an excellent choice for
near field applications. The INMP441 has a flat wideband
frequency response, resulting in natural sound with high
intelligibility.
The INMP441 is available in a thin 4.72 × 3.76 × 1 mm surface-
mount package. It is reflow- solder compatible with no sensitivity
degradation. The INMP441 is halide free.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Teleconferencing Systems
•
Remote Controls
•
Gaming Consoles
•
Mobile Devices
•
Laptops
•
Tablets
•
Security Systems
FEATURES
•
Digital I²S Interface with High-Precision 24-Bit Data
•
High SNR of 61 dBA
•
High Sensitivity of -26 dBFS
•
Flat Frequency Response from 60 Hz to 15 kHz
•
Low Current Consumption of 1.4 mA
•
High PSR of -75 dBFS
•
Small 4.72 × 3.76 × 1 mm Surface-Mount Package
•
Compatible with Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART
TEMP RANGE
INMP441ACEZ-R0*
−40°C to +85°C
INMP441ACEZ-R7†
−40°C to +85°C
EV_INMP441
—
EV_INMP441-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Contact sales@invensense.com for
availability.
INMP441
ADC
POWER
MANAGEMENT
SCK
SD
WS
FILTER
I2S
SERIAL
PORT
HARDWARE
CONTROL
BOTTOM
TOP
InvenSense reserves the right to change the detail
specifications as may be required to permit improvements
in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-INMP441-00
Revision: 1.1
Rev Date: 05/21/2014


Similar Part No. - INMP441ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
173Kb / 2P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
INMP401ACEZ-R0 TDK-INMP401ACEZ-R0 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP401ACEZ-R7 TDK-INMP401ACEZ-R7 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
More results

Similar Description - INMP441ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
Omnidirectional Microphone with Bottom Port and PDM Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com